Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1042019 Datasheet(PDF) 3 Page - SICK AG

Part # 1042019
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042019 Datasheet(HTML) 3 Page - SICK AG

  1042019 Datasheet HTML 1Page - SICK AG 1042019 Datasheet HTML 2Page - SICK AG 1042019 Datasheet HTML 3Page - SICK AG 1042019 Datasheet HTML 4Page - SICK AG 1042019 Datasheet HTML 5Page - SICK AG 1042019 Datasheet HTML 6Page - SICK AG 1042019 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CLV640-2120 | CLV64x
BAR CODE SCANNERS
Function Host, AUX
Data transmission rate 10/100 MBit/s
PROFINET
Function PROFINET Single Port, PROFINET Dual Port (optional via external connection module
CDF600-2)
Data transmission rate 10/100 MBit/s
EtherNet/IP™
Data transmission rate 10/100 MBit/s
EtherCAT®
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232, RS-422, RS-485
Function Host, AUX
Data transmission rate 2,400 Baud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
CANopen
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
Type of fieldbus integration Optional via external connection module CDM + CMF
Switching inputs
3 (“Sensor 1”, 2 inputs via optional parameter storage CMC600 in CDB620/CDM420)
Switching outputs
2 (via CMC600 in CDB620/CDM420)
Reading pulse
Switching input “Sensor 1”, non-powered, serial interface, auto pulse, CAN
Optical indicators
6 LEDs (Ready, Result, laser, Data, CAN, LNK TX, Bar graph for displaying the reading rate per-
centage (10 LEDs))
Acoustic indicators
Beeper/buzzer (can be switched off, can be allocated as a result indication function)
Operating elements
2 buttons (choose and start/stop functions)
Configuration software
SOPAS ET
Memory card
MicroSD memory card (flash card) 512 MB, optional
Mechanics/electronics
Electrical connection
2 x M12 cylindrical connectors (12-pin male connector, 4-pin female connector) on swivel con-
nector
Operating voltage
18 V DC ... 30 V DC
Power consumption
5.5 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Front screen
Glass
Enclosure rating
IP65 (EN 60529)
Protection class
III (EN 61140)
Weight
270 g, without connecting cable
1) Swivel connector is 15 mm longer.
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - 1042019

ManufacturerPart #DatasheetDescription
logo
SICK AG
1042014 SICK-1042014 Datasheet
456Kb / 7P
   BAR CODE SCANNERS
1042015 SICK-1042015 Datasheet
662Kb / 7P
   BAR CODE SCANNERS
1042016 SICK-1042016 Datasheet
456Kb / 7P
   BAR CODE SCANNERS
1042017 SICK-1042017 Datasheet
662Kb / 7P
   BAR CODE SCANNERS
1042018 SICK-1042018 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - 1042019

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com