Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBTA55
Description  PNP General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBTA55 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBTA55 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBTA55 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBTA55 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
PNP General Purpose Transistor
MMBTA55/A56
C123
www.gmicroelec.com
Rev.A
1
FEATURES
Epitaxial planar die construction.
Complementary NPN types available
(MMBTA05/MMBTA06).
APPLICATIONS
Ideal for medium NPN amplification and switching.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBTA55
2H
SOT-23
MMBTA56
2GM
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
MMBTA55
MMBTA56
UNIT
VCBO
collector-base voltage
-60
-80
V
VCEO
collector-emitter voltage
-60
-80
V
VEBO
emitter-base voltage
-4
V
IC
collector current (DC)
-0.5
A
PC
Collector dissipation
0.3
W
RθJA
Thermal Resistance, Junction to Ambient
417
°C/W
Tj ,Tstg
junction and storage temperature
-55 to +150
°C
Pb
Lead-free


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Micro Commercial Compon...
MMBTA55 MCC-MMBTA55 Datasheet
257Kb / 4P
   PNP General Purpose Amplifier
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMBTA55 MCC-MMBTA55 Datasheet
118Kb / 4P
   PNP General Purpose Amplifier
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com