Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2578SA133PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V2578SA133PFI
Description  128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2578SA133PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V2578SA133PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 9Page - Integrated Device Technology IDT71V2578SA133PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
6
IDT71V2576, IDT71V2578, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Pin Configuration – 256K x 18
100 TQFP
Top View
NOTES:
1. Pin 14 can either be directly connected to VDD, or connected to an input voltage
≥ VIH, or left unconnected.
2. Pin 64 can be left unconnected and the device will always remain in active mode.
100 999897 96 95949392 91 90
87868584 83 8281
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
4876 drw 03
VDD/NC(1)
NC
NC
NC
NC
NC
NC
A10
ZZ(2)
,


Similar Part No. - IDT71V2578SA133PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT71V2578SA RENESAS-IDT71V2578SA Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results

Similar Description - IDT71V2578SA133PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com