Electronic Components Datasheet Search |
|
AF122-FR-071RL Datasheet(PDF) 6 Page - YAGEO Corporation |
|
AF122-FR-071RL Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 8 page SERIES AF 122/124/162/164 (RoHS Compliant) Chip Resistor Surface Mount Product specification 6 8 www.yageo.com Mar. 20, 2017 V.5 TESTS AND REQUIREMENTS TEST TEST METHOD PROCEDURE REQUIREMENTS Life/ Endurance MIL-STD-202-method 108 IEC 60115-1 4.25 1,000 hours at 70± 2 °C applied RCWV 1.5 hours on, 0.5 hour off, still air required ± (2%+0.05 Ω ) <100 mΩ for Jumper High Temperature Exposure MIL-STD-202-method 108 1,000 hours at maximum operating temperature depending on specification, unpowered Tolerances: 155± 3 °C ± (1%+0.05 Ω) <50 mΩ for Jumper Moisture Resistance MIL-STD-202-method 106 Each temperature / humidity cycle is defined at 8 hours (method 106G), 3 cycles / 24 hours for 10d with 25 °C / 65 °C 95% R.H, without steps 7a & 7b, unpowered Parts mounted on test-boards, without condensation on parts Measurement at 24± 2 hours after test conclusion ± (2%+0.05 Ω) <100 mΩ for Jumper Thermal Shock MIL-STD-202-method 107 -55/+125 °C Note: Number of cycles required is 300. Devices mounted Maximum transfer time is 20 seconds. Dwell time is 15 minutes. Air – Air ± (1%+0.05 Ω) <50 mΩ for Jumper Short Time Overload IEC60115-1 4.13 2.5 times RCWV or maximum overload voltage whichever is less for 5 sec at room temperature ± (2%+0.05 Ω) <50 mΩ for Jumper No visible damage Board Flex/ Bending IEC60115-1 4.33 Device mounted on PCB test board as described, only 1 board bending required 3 mm bending Bending time: 60± 5 seconds Ohmic value checked during bending ± (1%+0.05 Ω) <50 mΩ for Jumper No visible damage Table 4 Test condition, procedure and requirements |
Similar Part No. - AF122-FR-071RL |
|
Similar Description - AF122-FR-071RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |