Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19K15R-001E4 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 19K15R-001E4
Description  SMP Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

19K15R-001E4 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  19K15R-001E4 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 19K15R-001E4 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
SMP
Termination
Jack 1 Watt
19K15R-001E4
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
MIL-STD-348
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
Gold, min. 0.8 µm, over nickel
Outer contact
CuBe
Gold, min. 0.8 µm, over nickel
Dielectric
PTFE
Substrate
Al2O3
Insulator
Silicone


Similar Part No. - 19K15R-001E4

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K150-C10D3 ROSENBERGER-19K150-C10D3 Datasheet
329Kb / 3P
   SMP Calibration Kit
19K150-C10D3 ROSENBERGER-19K150-C10D3 Datasheet
542Kb / 3P
   SMP Calibration Load
More results

Similar Description - 19K15R-001E4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SMPF-TERM50 MINI-SMPF-TERM50 Datasheet
191Kb / 2P
   SMP Termination
logo
Rosenberger Hochfrequen...
19S15R-001E4 ROSENBERGER-19S15R-001E4 Datasheet
503Kb / 2P
   SMP Termination
logo
Pasternack Enterprises,...
PE6161 PASTERNACK-PE6161 Datasheet
107Kb / 1P
   SMP MALE TERMINATION
PE6160 PASTERNACK-PE6160 Datasheet
137Kb / 1P
   SMP FEMALE TERMINATION
PE6163 PASTERNACK-PE6163 Datasheet
108Kb / 1P
   MINI SMP MALE TERMINATION
PE6162 PASTERNACK-PE6162 Datasheet
198Kb / 1P
   MINI SMP FEMALE TERMINATION
logo
List of Unclassifed Man...
P682 ETC2-P682 Datasheet
131Kb / 1P
   SMP MALE TO STRAIGHT TERMINATION
P919 ETC2-P919 Datasheet
83Kb / 1P
   SMP MALE STRAIGHT 50 OHMS LOAD TERMINATION
P654 ETC2-P654 Datasheet
175Kb / 2P
   SMP MALE PCB MOUNT TO 028 STRAIGHT TERMINATION
P698 ETC2-P698 Datasheet
173Kb / 2P
   SMP MALE PCB EDGE MOUNT TO STRAIGHT TERMINATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com