Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66193078 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 66193078
Description  PTC Thermistors, Overload Protection For Telecommunication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

66193078 Datasheet(HTML) 4 Page - Vishay Siliconix

  66193078 Datasheet HTML 1Page - Vishay Siliconix 66193078 Datasheet HTML 2Page - Vishay Siliconix 66193078 Datasheet HTML 3Page - Vishay Siliconix 66193078 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2322 66. 9....
Vishay BCcomponents
PTC Thermistors, Overload Protection
For Telecommunication
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29070
166
Revision: 10-Oct-03
F
lead to lead distance
5
+0.6 to −0.1
guaranteed between component and tape
∆h
component alignment
0
±2
W
tape width
18
+1 to −0.5
W0
hold down tape width
≥12.3
W1
hole position
9
±0.5
W2
hold down tape position
≤3.0
H1
component height
see Specific Physical Dimensions table
H2
component body to seating plane
4
±1
H3
component top to seating plane
see Specific Physical Dimensions table
H0
lead-wire clinch height
16
±0.5
D0
feed hole diameter
4
±0.2
t
total tape thickness
≤0.9
with cardboard tape 0.5 ±0.1 mm
L
length of snipped lead
≤11
SYMBOL
PARAMETER
DIMENSIONS
TOLERANCE
REMARKS
CHARACTERISTICS CONCERNING TAPED THERMISTORS
REEL SPECIFICATIONS in millimeters
REEL DIMENSIONS in millimeters
PARAMETER
VALUE
Minimum pull out force of the component
5 N
Minimum pull off force of adhesive tape
6 N
Minimum tearing force tape
15 N
Maximum pull off force tape-reel
5 N
Storage conditions
Storage temperature range
−25 to +40 °C
Maximum relative humidity
80%
DIAMETER ∅
W1
W2
MAX.
<12
42 ±156
12
46 ±160
Dimensions of the reel for 2322 66. 6...1/2/3
For W1 and W2, see Reel Dimensions table
CCB614
22.5
30 +
1
−0
77
85.6
92
356
max.
18
3
W1
W2


Similar Part No. - 66193078

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66193 MICROPAC-66193 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-001 MICROPAC-66193-001 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-011 MICROPAC-66193-011 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-101 MICROPAC-66193-101 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
More results

Similar Description - 66193078

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com