Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z02W16V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # Z02W16V
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z02W16V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  Z02W16V Datasheet HTML 1Page - KEC(Korea Electronics) Z02W16V Datasheet HTML 2Page - KEC(Korea Electronics) Z02W16V Datasheet HTML 3Page - KEC(Korea Electronics) Z02W16V Datasheet HTML 4Page - KEC(Korea Electronics) Z02W16V Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2001. 7. 9
2/5
Z02W2.0V~24V
Revision No : 4
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz ( )
KNEE Dynamic
Impedance Zzk ( )
Reverse Current
IR ( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
Z02W2.0V
1.85
2.15
5
100
5
1000
0.5
120
1.0
X
1.85
2.05
Z
1.95
2.15
Z02W2.2V
2.05
2.38
5
100
5
1000
0.5
120
1.0
X
2.05
2.26
Z
2.16
2.38
Z02W2.4V
2.28
2.60
5
100
5
1000
0.5
120
1.0
X
2.28
2.50
Z
2.40
2.60
Z02W2.7V
2.50
2.90
5
110
5
1000
0.5
120
1.0
X
2.50
2.75
Z
2.65
2.90
Z02W3.0V
2.80
3.20
5
120
5
1000
0.5
50
1.0
X
2.80
3.05
Z
2.95
3.20
Z02W3.3V
3.10
3.50
5
130
5
1000
0.5
20
1.0
X
3.10
3.35
Z
3.25
3.50
Z02W3.6V
3.40
3.80
5
130
5
1000
0.5
10
1.0
X
3.40
3.65
Z
3.55
3.80
Z02W3.9V
3.70
4.10
5
130
5
1000
0.5
10
1.0
X
3.70
3.97
Z
3.87
4.10
Z02W4.3V
4.00
4.50
5
130
5
1000
0.5
5
1.0
X
4.00
4.23
Y
4.13
4.35
Z
4.25
4.50
Z02W4.7V
4.40
4.90
5
120
5
1000
0.5
5
1.0
X
4.40
4.63
Y
4.53
4.76
Z
4.66
4.90
Z02W5.1V
4.80
5.40
5
70
5
1000
0.5
1
1.5
X
4.80
5.07
Y
4.97
5.24
Z
5.14
5.40
ELECTRICAL CHARACTERISTICS (Ta=25 )


Similar Part No. - Z02W16V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W16V KEC-Z02W16V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results

Similar Description - Z02W16V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com