Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC2809090 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BFC2809090
Description  Film Dielectric Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2809090 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC2809090 Datasheet HTML 1Page - Vishay Siliconix BFC2809090 Datasheet HTML 2Page - Vishay Siliconix BFC2809090 Datasheet HTML 3Page - Vishay Siliconix BFC2809090 Datasheet HTML 4Page - Vishay Siliconix BFC2809090 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BFC2 809 090..
www.vishay.com
Vishay BCcomponents
Revision: 04-Aug-15
4
Document Number: 28532
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25
Fc
Vibration
Frequency 10 Hz to 55 Hz;
amplitude 0.35 mm;
1.5 h
C/C:  0.3 %;
no mechanical damage
26
Climatic sequence:
C/C:  2.5 %
26.1
B
Dry heat
16 h at upper category
temperature
tan
:  10 x 10-4
Rins.:  10 000 M;
Rotor contact R:
 5 m
26.2
D
Damp heat accelerated,
first cycle
1 cycle; 24 h; +40 °C;
95 % to 100 % RH
Voltage proof:
500 V for 1 min
26.3
Aa
Cold
16 h; -40 °C
Visual examination:
no mechanical damage
26.5
Damp heat accelerated,
remaining cycles
1 cycle; 24 h; +40 °C;
95 % to 100 % RH
Operating torque:
1 mNm to 20 mNm
27
Ca
Damp heat steady state
21 days; +40 °C;
90 % to 95 % RH
C/C:  3 %
tan
:  10 x 10-4
Rins.:  10 000 M;
rotor contact R:
 5 m
Voltage proof:
500 V for 1 min
Visual examination:
no mechanical damage
Operating torque:
1 mNm to 20 mNm
29
Mechanical endurance
10 cycles
Maximum 10 cycles: rotation
in 180° only (the electrical and
mechanical performance is not
guaranteed if rotated beyond
10 cycles)
C/C:  3 %
C/C after axial thrust:  0.3 %;
rotor contact R:
 5 m
Voltage proof:
500 V for 1 min
Visual examination:
no mechanical damage
Operating torque:
1 mNm to 20 mNm
TEST PROCEDURES AND REQUIREMENTS
IEC
60418-1
CLAUSE
IEC 60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS


Similar Part No. - BFC2809090

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
   Film Dielectric Trimmers
Revision: 18-Oct-07
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
BFC2809080 VISHAY-BFC2809080 Datasheet
112Kb / 5P
   High temperature type
Revision: 04-Aug-15
More results

Similar Description - BFC2809090

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
   Film Dielectric Trimmers
Revision: 18-Oct-07
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
BFC2808 VISHAY-BFC2808 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
24327 VISHAY-24327 Datasheet
367Kb / 6P
   10 mm Film Dielectric Trimmers
Revision 13-Jan-06
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
   Ø 7.5 mm Film Dielectric Trimmers
Revision: 20-Jun-13
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
   Economy Trimmers
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
   Polyimide film provides high dielectric strength
logo
Vishay Siliconix
T7YA470K VISHAY-T7YA470K Datasheet
94Kb / 4P
   Miniature Cermet Trimmers
Revision: 05-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com