Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DBF050166HQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. DBF050166HQ
Description  High feed-through currents
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DBF050166HQ Datasheet(HTML) 3 Page - Vishay Siliconix

  DBF050166HQ Datasheet HTML 1Page - Vishay Siliconix DBF050166HQ Datasheet HTML 2Page - Vishay Siliconix DBF050166HQ Datasheet HTML 3Page - Vishay Siliconix DBF050166HQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DBF 050166 HQ
www.vishay.com
Vishay Draloric
Revision: 02-Sep-15
3
Document Number: 22107
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
• Use two wrenches when tightening the nuts on both sides of the conductor rod.
The outer electrode terminal flange of these feed-through capacitors components should be fixed after tightening the inner
electrode’s connection.
• Make sure that not too much force applied to the solder connections between hardware and noble metal electrode. A torque
less than 5 Nm is recommended.
DERATING DIAGRAM
DBF50166BQ125P36CB
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
0.1
1
10
100
1000
0.1
1
10
100
1000
0.1
1
10
100
1000
Frequency (MHz)
33.3 MHz
2.24 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn