Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7543 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA7543
Description  Advanced Feedback Dimming Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7543 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA7543 Datasheet HTML 7Page - Fairchild Semiconductor KA7543 Datasheet HTML 8Page - Fairchild Semiconductor KA7543 Datasheet HTML 9Page - Fairchild Semiconductor KA7543 Datasheet HTML 10Page - Fairchild Semiconductor KA7543 Datasheet HTML 11Page - Fairchild Semiconductor KA7543 Datasheet HTML 12Page - Fairchild Semiconductor KA7543 Datasheet HTML 13Page - Fairchild Semiconductor KA7543 Datasheet HTML 14Page - Fairchild Semiconductor KA7543 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
KA7543
11
Components List (32W*2Lamp Application)
Part Number
Value
Note
Manufacturer
R1
1.8M
1/4W
-
R2
25k
1/4W
-
R3, 21
150k
1W
-
R4, 11
22k
1/4W
-
R5
10
1/4W
R6
0.68
1W
-
R7
1.0M
1/4W
-
R8
6k
1/4W
-
R9
103
Variable resistor
-
R10
6.8
1W
-
R12, 13
47
1W
-
R14
180k
1/4W
-
R15, 16
330k
1/4W
-
R17, 18
680k
1/4W
-
R19
8.2k
1/4W
-
C1, 2
150nF, 275Vac
Box-Cap
-
C3, 4
2200pF, 3000V
Y-Cap
-
C5
0.33
µF, 630V
Miller-Cap
-
C6, 24
47
µF, 35V
Electorlytic
-
C7
1
µFMLCC
-
C8, 11
1nF, 25V
Ceramic
-
C9
47
µF, 450V
Electorlytic
-
C10
0.22
µF, 25V
Ceramic
-
C12, 21
0.1
µF, 25V
Ceramic
-
C13
10nF, 25V
Ceramic
-
C14
1nF, 630V
Miller-Cap
-
C15,16
4700pF, 1000V
Miller-Cap
-
C17, 18, 19, 20
6800pF, 630V
Miller-Cap
-
C22, 23
22
µF, 35V
Electorlytic
-
Q1, 2, 3
500V, 4.5A
IRFS830B
Fairchild
D1, 2, 3, 4
1000V, 1A
1N4007
-
D5
600V, 1A
BYV26C
-
D6, 7
600V, 1A
1N4937
-
D8
75V, 150mA
1N4148
-
ZD1
15V, 1W
1N4744
-
L1
45mH
Line Filter
-
L2, 3
3.1mH(120T)
EI2820
-
T1
0.9mH(80T:6T)
EI2820
-
T2
1.2mH(30T:60T)
EE1614
-
F1
250V, 3A
Fuse
-
TNR
470V
471
-
NTC
10
10D09
-


Similar Part No. - KA7543

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
More results

Similar Description - KA7543

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com