Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R72A102KA01D Datasheet(PDF) 10 Page - Vishay Siliconix

Part # GRM155R72A102KA01D
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRM155R72A102KA01D Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button GRM155R72A102KA01D Datasheet HTML 6Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 7Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 8Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 9Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 10Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 11Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 12Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 13Page - Vishay Siliconix GRM155R72A102KA01D Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
10
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REFERENCE BOARD SCHEMATIC
1
1
1
PGD
EN
1
2
1
2
1
2
1
2
R3
500K
R4
750K
R1
10k
R2
300K
1
2
Vin
VCIN
1
PGOOD
2
EN
3
BOOT
4
Phase1
5
Phase2
6
SW1
12
SW2
13
SW3
14
VDRV
16
SS
19
Ultrasonic
18
PGND
17
GND-PAD
28
GL
15


Similar Part No. - GRM155R72A102KA01D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM155R72A102KA01D NXP-GRM155R72A102KA01D Datasheet
235Kb / 17P
   Airfast Power Amplifier Module
Rev. 1 - January 2023
GRM155R72A102KA01D NXP-GRM155R72A102KA01D Datasheet
722Kb / 20P
   Airfast Power Amplifier Module
Rev. 1 - 19 March 2024
More results

Similar Description - GRM155R72A102KA01D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com