Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-07140KL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RC0603FR-07140KL
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RC0603FR-07140KL Datasheet(HTML) 2 Page - Vishay Siliconix

  RC0603FR-07140KL Datasheet HTML 1Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 2Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 3Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 4Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 5Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 6Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 7Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 8Page - Vishay Siliconix RC0603FR-07140KL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
2
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - SiC462 Pin Configuration
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1VCIN
Supply voltage for internal regulators VDD and VDRV. This pin should be tied to VIN, but can also be
connected to a lower supply voltage (> 5 V) to reduce losses in the internal linear regulators
2PGOOD
Open-drain power good indicator - high impedance indicates power is good. An external pull-up
resistor is required
3
EN
Enable pin
4
BOOT
High-side driver bootstrap voltage
5, 6
PHASE
Return path of high-side gate driver
7, 8, 29
VIN
Power stage input voltage. Drain of high-side MOSFET
9, 10, 11, 17, 30
PGND
Power ground
12, 13, 14
SW
Power stage switch node
15
GL
Low-side MOSFET gate signal
16
VDRV
Supply voltage for internal gate driver. When using the internal LDO as a bias power supply, VDRV is
the LDO output. Connect a 4.7 μF decoupling capacitor to PGND
18
ULTRASONIC
Float to disable ultrasonic mode, connect to VDD to enable. Depending on the operation mode set by
the MODE pin, power save mode or forced continuous mode will be enabled when the ultrasonic
mode is disabled
19
SS
Set the soft start ramp by connecting a capacitor to AGND. An internal current source will charge the
capacitor
20
VSNS
Power inductor signal feedback pin for system stability compensation
21
COMP
Output of the internal error amplifier. The feedback loop compensation network is connected from
this pin to the VFB pin
22
VFB
Feedback input for switching regulator used to program the output voltage - connect to an external
resistor divider from VOUT to AGND
23, 28
AGND
Analog ground
24
fSW
Set the on-time by connecting a resistor to AGND
25
ILIMIT
Set the current limit by connecting a resistor to AGND
26
VDD
Bias supply for the IC. VDD is an LDO output, connect a 1 μF decoupling capacitor to AGND
27
MODE
Set various operation modes by connecting a resistor to AGND. See specification table for details
6
SS 19
ULTRASONIC 1 8
P
GND 17
V
DRV 16
GL 1 5
SW 1 4
SW 1 3
SW 1 2
1 V
CIN
2 P
GOOD
3 EN
4 BOOT
5 PHASE
6 PHASE
28 A
GND
29
V
IN
30 P
GND
19
SS
18 ULTRASONIC
17 P
GND
16 V
DRV
15 GL
14 SW
13 SW
12 SW
1
2
3
4
5
6
28 AGND
30
VIN
29 PGND
1
6
V
CIN
P
GOOD
EN
BOOT
PHASE
PHASE


Similar Part No. - RC0603FR-07140KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FR-07100KL YAGEO-RC0603FR-07100KL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Recom International Pow...
RC0603FR-07100KL RECOM-RC0603FR-07100KL Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Texas Instruments
RC0603FR-07100KL TI-RC0603FR-07100KL Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
YAGEO Corporation
RC0603FR-07100R YAGEO-RC0603FR-07100R Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC0603FR-07100RL ETC2-RC0603FR-07100RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results

Similar Description - RC0603FR-07140KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com