Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-E65F-CBEA-24 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LA-E65F-CBEA-24
Description  Power TOPLED Lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E65F-CBEA-24 Datasheet(HTML) 4 Page - OSRAM GmbH

  LA-E65F-CBEA-24 Datasheet HTML 1Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 2Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 3Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 4Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 5Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 6Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 7Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 8Page - OSRAM GmbH LA-E65F-CBEA-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2016-03-07
4
Version 1.3
LA E65F
Characteristics (TS = 25 °C; IF = 50 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
624
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge
3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
60 (horizontal)
60 (vertical)
°
Forward voltage
4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
1.90
2.15
2.50
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
IR
I
R
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.08
nm/K
Real thermal resistance junction / ambient 5) page 20 ,
6) page 20
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 20 , 6) Seite 20
(max.)
R
th JA real
300
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
130
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LA-E65F-CBEA-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
   white P-LCC-4 package, colorless clear resin
More results

Similar Description - LA-E65F-CBEA-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
   Power TOPLED Lens
LAE65F OSRAM-LAE65F_17 Datasheet
576Kb / 21P
   Power TOPLED Lens
LAE65F-DUALBINNING OSRAM-LAE65F-DUALBINNING Datasheet
611Kb / 21P
   Power TOPLED Lens
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
   Power TOPLED Lens
LAE65B OSRAM-LAE65B Datasheet
532Kb / 20P
   Power TOPLED Lens
LAE65FP OSRAM-LAE65FP Datasheet
569Kb / 21P
   Power TOPLED Lens
LYE63F OSRAM-LYE63F Datasheet
594Kb / 22P
   Power TOPLED Lens
LTE63C OSRAM-LTE63C Datasheet
647Kb / 22P
   Power TOPLED Lens
LSE655 OSRAM-LSE655 Datasheet
168Kb / 14P
   Power TOPLED with Lens Hyper-Bright LED
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com