Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP47K-H1K2-1-F Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LSP47K-H1K2-1-F
Description  PointLED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSP47K-H1K2-1-F Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LSP47K-H1K2-1-F Datasheet HTML 2Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 3Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 4Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 5Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 6Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 7Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 8Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 9Page - OSRAM GmbH LSP47K-H1K2-1-F Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2014-01-08
6
Version 1.1
LS P47K
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: H1-1
Beispiel: H1-1
Brightness
Helligkeit
Wavelength
Wellenlänge
H1
1
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.


Similar Part No. - LSP47K-H1K2-1-F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSP47K-H1K2-1-F OSRAM-LSP47K-H1K2-1-F Datasheet
517Kb / 20P
   PointLED
More results

Similar Description - LSP47K-H1K2-1-F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
   PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
   PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
   PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
   PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
   PointLED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
ams AG
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com