Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7910F Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA7910F
Description  1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7910F Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA7910F Datasheet HTML 4Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 5Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 7Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 8Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 9Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 10Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 11Page - KEC(Korea Electronics) KIA7910F Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2000. 12. 9
8/14
KIA7905F~KIA7924F
Revision No : 1
ELECTRICAL CHARACTERISTICS
KIA7912F
(Unless otherwise specified, VIN=-18V, IOUT=500mA, 0
Tj 125 , CIN=2.2 F, COUT=1 F)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-12.5
-12
-11.5
V
Input Regulation
Reg line
1
Tj=25
-22V VIN -16V
-
6
120
mV
-30V VIN -14.5V
-
12
240
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.5A
-
12
240
mV
250mA IOUT 750mA
-
4
120
Output Voltage
VOUT
1
-27V VIN -15.5V
5mA IOUT 1.0A
-12.6
-12
-11.4
V
Quiescent Current
IB
1
Tj=25
-
3
6
mA
Quiescent
Current Change
Line
IBI
1
-30V VIN -15V
-
0.1
1.0
mA
Load
IBO
5mA IOUT 1.0A
-
0.05
0.5
Output Noise Voltage
VNO
2
Ta=25 , 10Hz f 100kHz
-
200
-
Vrms
Ripple Rejection Ratio
RR
3
f=120Hz, IOUT=20mA,
54
60
-
dB
Short Circuit Current Limit
ISC
1
Tj=25
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.8
-
mV/
Dropout Voltage
VD
1
Tj=25 , IOUT=1A
-
2.0
-
V


Similar Part No. - KIA7910F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7910F KEC-KIA7910F Datasheet
568Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7910F/PI KEC-KIA7910F/PI Datasheet
562Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7910F/PI KEC-KIA7910F/PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
More results

Similar Description - KIA7910F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
Mitsubishi Electric Sem...
M5278LXX MITSUBISHI-M5278LXX Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
78L08 KIA-78L08 Datasheet
53Kb / 3P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 8V
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com