Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0457190007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0457190007
Description  12.90mm Pitch EXTreme PowerEdge, Connector, 2 Segments Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0457190007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0457190007_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0457190007_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0457190007
Status:
Active
Overview:
Edge Card Connectors
Description:
12.90mm Pitch EXTreme PowerEdge™, Connector, 2 Segments Thick PC Board,
Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
Documents:
3D Model
Packaging Specification PK-45714-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090228
General
Product Family
Edge Card Connectors
Series
45719
Circuit Size Range
1-64 Circuits
Component Type
Edgecard to PCB
Data Rate
Unrated
Edge Card Thickness
1.57mm
High Power Bay (30.0A or more)
Yes
MolexKits
Yes
Orientation
Vertical
Overview
Edge Card Connectors
Product Name
Bus Bar Socket, EXTreme PowerEdge™
Standard Based
General
UPC
822348678594
Physical
(p)ower-(s)ignal Configuration
4p - 0s
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
200
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
5.200/g
PC Tail Length
2.92mm
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
12.90mm
Plating min - Mating
0.762µm
Plating min - Termination
3.810µm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
40.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45719 Series
Mates With
1.58mm Double Sided Card Edge or Bus
Bar Tab


Similar Part No. - 0457190007_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0457190007 MOLEX6-0457190007 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 2 Segments (4 Total Contacts), Through Hole
More results

Similar Description - 0457190007_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0457190001 MOLEX1-0457190001_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 2 Segments Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190008 MOLEX1-0457190008_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 3 Segments Thick PC Board,Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190005 MOLEX1-0457190005_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 3 Segments Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190006 MOLEX1-0457190006_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 4 Segments Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190009 MOLEX1-0457190009_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 4 Segments Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190004 MOLEX1-0457190004_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, 2.36mm Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190002 MOLEX1-0457190002_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Through Hole Solder for 3.18mm Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457190003 MOLEX1-0457190003_17 Datasheet
33Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Through Hole Solder for 3.18mm Thick PC Board, Mates to a 1.57mm Thick Card Edge or Bus Bar Tab
0457140002 MOLEX1-0457140002_17 Datasheet
48Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 3 Segments Thick Card Edge or Bus Bar Tab
0457140003 MOLEX1-0457140003_17 Datasheet
48Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Connector, 4 Segments Thick Card Edge or Bus Bar Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com