Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKL4108A Datasheet(PDF) 4 Page - International Rectifier

Part # IRKL4108A
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL4108A Datasheet(HTML) 4 Page - International Rectifier

  IRKL4108A Datasheet HTML 1Page - International Rectifier IRKL4108A Datasheet HTML 2Page - International Rectifier IRKL4108A Datasheet HTML 3Page - International Rectifier IRKL4108A Datasheet HTML 4Page - International Rectifier IRKL4108A Datasheet HTML 5Page - International Rectifier IRKL4108A Datasheet HTML 6Page - International Rectifier IRKL4108A Datasheet HTML 7Page - International Rectifier IRKL4108A Datasheet HTML 8Page - International Rectifier IRKL4108A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRK.41, .56 Series
4
Bulletin I27131 rev. G 10/02
www.irf.com
IRK
T
56
/
16
A
S90
Device Code
1
2
3
4
5
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration table below)
3
-
Current code * *
4
-
Voltage code (See Voltage Ratings table)
5
-
A : Gen V
6
-
dv/dt code:
S90 = dv/dt 1000 V/µs
No letter = dv/dt 500 Vµs
Ordering Information Table
6
* * Available with no auxiliary cathode.
To specify change:
41 to 42
56 to 57
e.g. : IRKT57/16A etc.
IRK.57 types
With no auxiliary cathode
Outline Table
Dimensions are in millimeters and [inches]
NOTE: To order the Optional Hardware see Bulletin I27900
+
K2 G2
-
K1
G1
~
(1)
(2)
(3)
(4) (5)
(7) (6)
+
-
K1
G1
~
(1)
(2)
(3)
(4) (5)
+
-
~
(1)
(2)
(3)
K2
(7)
G2
(6)
IRKT
IRKH
IRKL
IRKN
+
-
K1
G1
+
(1)
(2)
(3)
(4) (5)


Similar Part No. - IRKL4108A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL430-16 IRF-IRKL430-16 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRKL430-18 IRF-IRKL430-18 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRKL430-20 IRF-IRKL430-20 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
More results

Similar Description - IRKL4108A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com