Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0461148361 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0461148361
Description  1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, Compliant Pin, 8 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0461148361 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0461148361_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0461148361_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/03/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0461148361
Status:
Active
Overview:
EXTreme LPHPower™ Connectors
Description:
1.27mm, 12.00mm Pitch, EXTreme LPHPower™ Receptacle Header, Vertical,
Compliant Pin, 8 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, without
BMI Guides
Documents:
3D Model
Application Specification AS-46114-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-46114-003 (PDF)
Product Specification PS-46114-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19880
UL
E29179
General
Product Family
PCB Receptacles
Series
46114
Application
Board-to-Board, Power
Application Tooling Part Link
62100-6300
Application Tooling Part Link
62201-8672
Comments
Press Fit Pin
Overview
EXTreme LPHPower™ Connectors
Product Name
EXTreme LPHPower™
UPC
756054923306
Physical
(p)ower-(s)ignal Configuration
8p - 36s
Circuits (Loaded)
44
Circuits (maximum)
44
Color - Resin
Black
Durability (mating cycles max)
250
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
11.754/g
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface
1.27mm, 12.00mm
Pitch - Termination Interface
1.27mm, 2.50mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
46114 Series
Mates With
45985 EXTreme LPHPower™ Header


Similar Part No. - 0461148361_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461148360 MOLEX1-0461148360_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical,Compliant Pin, 8 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
More results

Similar Description - 0461148361_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461148360 MOLEX1-0461148360_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical,Compliant Pin, 8 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
0461148321 MOLEX1-0461148321_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, Compliant Pin, 8 Power Contacts, 32 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461148401 MOLEX1-0461148401_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, Compliant Pin, 8 Power Contacts, 40 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461148201 MOLEX1-0461148201_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical,Compliant Pin, 8 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461148241 MOLEX1-0461148241_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical,Compliant Pin, 8 Power Contacts, 24 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461148161 MOLEX1-0461148161 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, Compliant Pin, 8 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146361 MOLEX1-0461146361 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461144361 MOLEX1-0461144361 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 4 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461148200 MOLEX1-0461148200_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical,Compliant Pin, 8 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
0461148280 MOLEX1-0461148280_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower??Receptacle Header, Vertical, Compliant Pin, 8 Power Contacts, 28 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com