Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5506-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5506-EVALZ
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  ADL5506-EVALZ Datasheet HTML 1Page - Analog Devices ADL5506-EVALZ Datasheet HTML 2Page - Analog Devices ADL5506-EVALZ Datasheet HTML 3Page - Analog Devices ADL5506-EVALZ Datasheet HTML 4Page - Analog Devices ADL5506-EVALZ Datasheet HTML 5Page - Analog Devices ADL5506-EVALZ Datasheet HTML 6Page - Analog Devices ADL5506-EVALZ Datasheet HTML 7Page - Analog Devices ADL5506-EVALZ Datasheet HTML 8Page - Analog Devices ADL5506-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
30 MHz to 4.5 GHz, 45 dB
RF Detector
Data Sheet
ADL5506
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Complete RF detector function
Typical dynamic range: 45 dB
Frequency range from 30 MHz to 4.5 GHz
Excellent temperature stability
Stable linear in decibel response
Power on/off response time: 65 ns/145 ns (rise/fall)
−5 dBm input power applied
Operates from −40°C to +85°C
Low power: 3.8 mA at 3.0 V
Power supply voltage range from 2.5 V to 5.5 V
Disable current <1 μA
APPLICATIONS
RSSI and TSSI for wireless terminal devices
RF transmitter or receiver power measurement
GENERAL DESCRIPTION
The ADL5506 is a complete, low cost subsystem for the
measurement of RF signals in the 30 MHz to 4.5 GHz frequency
range, with a typical dynamic range of 45 dB, intended for use
in a wide variety of wireless terminal devices. It provides a wider
dynamic range and better accuracy than is possible using
discrete diode detectors. In particular, its temperature stability
is excellent over −40°C to +85°C.
Its high sensitivity allows measurement of low power levels, thus
reducing the amount of power that needs to be coupled to the
detector. It is essentially a voltage responding device, with a
typical dynamic range of 45 dB.
For convenience, the signal is internally ac-coupled, using a
5 pF capacitor and a broadband 50 Ω match, with an external
shunt resistor of 52 Ω. This high-pass coupling, with a corner at
approximately 19 MHz, determines the lowest operating frequency.
Therefore, the source can be dc grounded.
The ADL5506 output increases from approximately 0.14 V to a
little over 1 V as the input signal level increases from 1.25 mV rms
(−45 dBm) to 224 mV rms (0 dBm). The output is proportional
to the logarithm of the input power level; that is, the reading is
presented directly in decibels and is scaled about 18 mV/dB at
900 MHz. A capacitor can be connected between the VLOG pin
and the CFLT pin when it is desirable to increase the time
interval over which averaging of the input waveform occurs.
The ADL5506 is available in a 6-ball WLCSP and consumes
3.8 mA from a 3.0 V supply. When powered down, the typical
disable supply current is <1 μA.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
10dB
DET
10dB
DET
10dB
DET
10dB
DET
DET
+
CFLT
RFIN
COMM
OFFSET
COMPENSATION
V-I
BAND-GAP
REFERENCE
ENBL
VPOS
I-V
VLOG
ADL5506


Similar Part No. - ADL5506-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL55001 AD-ADL55001 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500ACBZ-P2 AD-ADL5500ACBZ-P2 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results

Similar Description - ADL5506-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
AD8314 AD-AD8314 Datasheet
274Kb / 16P
   100 MHz-2500 MHz 45 dB RF Detector/Controller
REV. 0
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com