Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5910 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5910
Description  DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5910 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5910 Datasheet HTML 7Page - Analog Devices ADL5910 Datasheet HTML 8Page - Analog Devices ADL5910 Datasheet HTML 9Page - Analog Devices ADL5910 Datasheet HTML 10Page - Analog Devices ADL5910 Datasheet HTML 11Page - Analog Devices ADL5910 Datasheet HTML 12Page - Analog Devices ADL5910 Datasheet HTML 13Page - Analog Devices ADL5910 Datasheet HTML 14Page - Analog Devices ADL5910 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADL5910
Rev. 0 | Page 11 of 22
THEORY OF OPERATION
The ADL5910 is a threshold detector with a 45 dB of detection
range at 1.9 GHz and a useable range up to 6 GHz. It features no
error ripple over its range, low temperature drift, and very low
power consumption.
R
ENVELOPE
DETECTOR
+
Q
S
ADL5910
VPOS
GND
RST
Q
RFIN
VIN–
ENBL
Q
1
11
DNC
3
1
4
5
7
12
13
Q
16
15
VCAL
DECL 4
2
9
10
6
8
Figure 12. Functional Block Diagram
The output of the envelope detector drives the noninverting
input of a threshold detecting comparator. The inverting input
of this comparator is typically driven by a fixed external dc
voltage. When the output of the envelope detector exceeds the
voltage on the inverting input of the comparator, the comparator
goes high. This excursion is then captured and held by an SR
flip flop. The state of this flip flop is then held until the level
sensitive RST pin is taken high.
VIN− = Slope × (VRFIN − Intercept)
(1)
×
×
=
Intercept
P
R
Slope
VIN
IN
3
1
10
10
log
(2)
BASIC CONNECTIONS
The ADL5910 requires a single supply of 3.3 V. The supply is
connected to the VPOS supply pins. Decouple these pins using
two capacitors with values equal or similar to those shown in
Figure 13. Place these capacitors as close to Pin 5 as possible.
Connect Pin 11 (GND) and the exposed pad to a ground plane
with low electrical and thermal impedance.
A single-ended input at the RFIN pin drives the ADL5910. Because
the input is dc-coupled, an external ac coupling capacitor must
be used. A 470 nF capacitor is recommended for applications
that require frequency coverage from 6 GHz down to tens of
kilohertz. For applications that do not need such low frequency
coverage, a larger value of capacitance can be used.
In addition to the ac-coupling capacitor, an external 82.5 Ω
shunt resistor is required to provide a wideband input match.
Figure 11 shows a comparison of the input return loss, with and
without the external shunt resistor.
The DECL pin provides a bypass capacitor connection for an
on-chip regulator. The DECL pin is connected to ground with
a 4.02 Ω resistor and a 0.1 µF capacitor.
The ENBL pin configures the device enable interface. Connecting
the ENBL pin to a logic high signal (2 V to VPOS) enables the
device, and connecting the pin to a logic low signal (0 V to 0.6 V)
disables the device. The exposed pad is internally connected to
GND and must be soldered to a low impedance ground plane.
VPOS
3.3V
THRESHOLD
VOLTAGE
INPUT
RESET
INPUT
CALIBRATION
VOLTAGE OUTPUT
4.0
0.1µF
100pF
0.1µF
ENABLE/
DISABLE
R
ENVELOPE
DETECTOR
+
Q
S
ADL5910
VPOS
GND
RST
Q
RFIN
470nF
VIN–
DECL
82.5Ω
ENBL
VCAL
Q
1
11
3
1
4
5
7
12
13
Q
Q
Q
4
16
15
RFIN
DNC
2
6
8
10
9
Figure 13. Basic Connections


Similar Part No. - ADL5910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
Teledyne Technologies I...
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
   Threshold Detector .1 to 6 GHz
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com