Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5910-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5910-EVALZ
Description  DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5910-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5910-EVALZ Datasheet HTML 3Page - Analog Devices ADL5910-EVALZ Datasheet HTML 4Page - Analog Devices ADL5910-EVALZ Datasheet HTML 5Page - Analog Devices ADL5910-EVALZ Datasheet HTML 6Page - Analog Devices ADL5910-EVALZ Datasheet HTML 7Page - Analog Devices ADL5910-EVALZ Datasheet HTML 8Page - Analog Devices ADL5910-EVALZ Datasheet HTML 9Page - Analog Devices ADL5910-EVALZ Datasheet HTML 10Page - Analog Devices ADL5910-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADL5910
Rev. 0 | Page 7 of 22
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
5.5 V
Input Average RF Power1
25 dBm
Equivalent Voltage, Sine Wave Input
5.62 V peak
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Drive this parameter from a 50 Ω source. It is input ac-coupled with an
external 82.5 Ω shunt resistor, and VPOS = 3.3 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package Type
θJA1
θJC2
Unit
CP-16-22
80.05
4.4
°C/W
1
Thermal impedance simulated value is based on no airflow with the exposed
pad soldered to a 4-layer JEDEC board.
2
Thermal impedance from junction to exposed pad on underside of package.
ESD CAUTION


Similar Part No. - ADL5910-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5910-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
Teledyne Technologies I...
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
   Threshold Detector .1 to 6 GHz
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com