Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74451033 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74451033
Description  WE-PD3 SMD Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74451033 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74451033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74451033 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7.6
7.5
7.4
7.3
7.2
7.1
7.0
REV
2015-12-29
2015-05-18
2014-11-12
2014-06-23
2014-03-26
2013-04-30
2009-02-09
DATE
KaS
SSt
SSt
SSt
SSt
SSt
MST
BY
ALa
ALa
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD3 SMD Shielded Power Inductor
Order.- No.
74451033
SIZE
A4
Size: Type S
A Dimensions: [mm]
Reference on drawing
Marking
Description
D (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 100 mV
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
3.3
1.6
0.77
0.025
0.055
60
Unit
µH
A
A
Ω
Ω
MHz
Tol.
± 20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74451033

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74451033 WURTH-74451033 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
More results

Similar Description - 74451033

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74451122 WURTH-74451122_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
7445110 WURTH-7445110_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74451047 WURTH-74451047_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74438324015 WURTH-74438324015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324056 WURTH-74438324056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324068 WURTH-74438324068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383240056 WURTH-744383240056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383430068 WURTH-744383430068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438313010 WURTH-74438313010 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com