Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6657 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6657
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6657 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6657 Datasheet HTML 1Page - National Semiconductor (TI) LMH6657 Datasheet HTML 2Page - National Semiconductor (TI) LMH6657 Datasheet HTML 3Page - National Semiconductor (TI) LMH6657 Datasheet HTML 4Page - National Semiconductor (TI) LMH6657 Datasheet HTML 5Page - National Semiconductor (TI) LMH6657 Datasheet HTML 6Page - National Semiconductor (TI) LMH6657 Datasheet HTML 7Page - National Semiconductor (TI) LMH6657 Datasheet HTML 8Page - National Semiconductor (TI) LMH6657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V= −5V, V
CM =VO, and RL = 100
Ω (or as speci-
fied) tied to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
OS
Input Offset Current
50
300
500
nA
CMRR
Common ModeRejection Ratio
V
CM Stepped from −5V to 3.0V
75
84
dB
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 4.5V to 5.5V, V
CM = −4V
75
82
dB
−PSRR
Negative Power Supply
Rejection Ratio
V
= −4.5V to −5.5V
78
85
dB
I
S
Supply Current (per channel)
No load
6.5
9.0
11
mA
Miscellaneous Performance
V
OH
Output Swing
High
R
L = 2k
4.10
3.80
4.25
V
R
L = 150
4.00
3.70
4.20
R
L =75
3.85
3.50
4.18
V
OL
Output Swing
Low
R
L = 2k
−4.05
−3.80
−4.19
V
R
L = 150
−3.90
−3.65
−4.05
R
L =75
−3.80
−3.50
−4.00
I
OUT
Output Current
V
OUT = 1V from either rail
±45
+100, −110
mA
I
SC
Output Short Circuit Current
(Note 10)
Sourcing to Ground
120
100
180
mA
Sinking to Ground
120
100
230
R
IN
Common Mode Input
Resistance
4
M
C
IN
Common Mode Input
Capacitance
1.8
pF
R
OUT
Output Impedance
f = 1MHz, A
V = +1
0.06
www.national.com
5


Similar Part No. - LMH6657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 TI1-LMH6657 Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6657MF TI-LMH6657MF Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657MF NSC-LMH6657MF Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
More results

Similar Description - LMH6657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com