Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3DC25P1S Datasheet(PDF) 1 Page - Anaren Microwave

Part # X3DC25P1S
Description  Low Amp Imbalance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3DC25P1S Datasheet(HTML) 1 Page - Anaren Microwave

  X3DC25P1S Datasheet HTML 1Page - Anaren Microwave X3DC25P1S Datasheet HTML 2Page - Anaren Microwave X3DC25P1S Datasheet HTML 3Page - Anaren Microwave X3DC25P1S Datasheet HTML 4Page - Anaren Microwave X3DC25P1S Datasheet HTML 5Page - Anaren Microwave X3DC25P1S Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3DC25P1S
Rev D
PRELIMINARY
b
Doherty Combiner
Description
The X3DC25P1S is a low profile, high performance Doherty Combiner
in a new easy to use, manufacturing friendly surface mount package.
The X3DC25P1S is designed particularly for Doherty Amplifier
applications, where tightly controlled phase and amplitude imbalance as
well as low insertion loss are required for maximum and low power
condition. It can be used in high power applications up to 70 watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion
(CTE) compatible with common substrates such as FR4, G-10, RF-35,
RO4350 and polyimide. Produced with 6 of 6 RoHS compliant tin
immersion finish
Electrical Specifications
**
Features:
 2580 - 2730 MHz
 Low Amp Imbalance
 Low Loss
 Production Friendly
 Tape and Reel
 Lead Free
Frequency
Return
Loss
[1]
Insertion
Loss
[1]
Amplitude
Imbalance
[1]
Phase
Imbalance
[1]
Operating
Temp.
MHz
dB Min
dB Max
dB Max
Degrees
ºC
2580 - 2730
22
0.20
±0.20
90 ± 3.0
-55 to +95
Return
Loss
[2]
Insertion
Loss
[2]
Port
Extension
[3]
Power
JC
dB Min
dB Max
Degrees
Avg. CW
Watts
ºC/Watt
20
0.30
12
2 x 90
12.5
**Specification based on performance of unit properly installed on Anaren Test Board
[1] At maximum power condition, Doherty combiner functions as an equal-split power combiner.
[2] At low power condition, Doherty combiner functions as a 100Ω to 50Ω impedance transformer.
[3] There are short 50 ohm lines associated with input ports of 12° at 2655MHz. Details in page 2.
[4] 90W output from each PA for short duration @ max power condition. Details in page 5
Mechanical Outline
.250±.010
[6.35±0.25]
PIN 1
PIN 2
PIN 4
PIN 3
ORIENTATION
MARK DENOTES
PIN 1
DENOTES ARRAY
ROW (RR) AND COLUMN (CC)
.046±.009
[1.17±0.23]
PIN 1
PIN 2
PIN 4
PIN 3
.020±.004
[0.51±0.10]
.020±.004
[0.51±0.10]
4X .034±.004 SQ
[0.86±0.10]
.170±.004
[4.32±0.10]
.120±.004
[3.05±0.10]
GND
Dimensions are in Inches [Millimeters]
X3DC25P1S Mechanical Outline
Tolerances are Non-cumulative
.200±.010
[5.08±0.25]
GND


Similar Part No. - X3DC25P1S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3DC21E2 ANAREN-X3DC21E2 Datasheet
419Kb / 5P
   Doherty Combiner
X3DC21E2S ANAREN-X3DC21E2S Datasheet
419Kb / 5P
   Doherty Combiner
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
X3DC23P1S ANAREN-X3DC23P1S Datasheet
459Kb / 6P
   Low Amp Imbalance
More results

Similar Description - X3DC25P1S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3DC23P1S ANAREN-X3DC23P1S Datasheet
459Kb / 6P
   Low Amp Imbalance
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com