Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0060L5050AHF Datasheet(PDF) 2 Page - Anaren Microwave

Part # X0060L5050AHF
Description  Ultra Low Profile 0603 RF Crossover
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X0060L5050AHF Datasheet(HTML) 2 Page - Anaren Microwave

  X0060L5050AHF Datasheet HTML 1Page - Anaren Microwave X0060L5050AHF Datasheet HTML 2Page - Anaren Microwave X0060L5050AHF Datasheet HTML 3Page - Anaren Microwave X0060L5050AHF Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model X0060L5050AHF
Rev A
Typical Broadband Performance: 0 GHz. to 4.5GHz.
S11
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
S12
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Frequency [MHz]
Isolation
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]


Similar Part No. - X0060L5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X0060L5050A00 ANAREN-X0060L5050A00 Datasheet
184Kb / 5P
   Ultra Low Profile 0603 RF Crossover
More results

Similar Description - X0060L5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X0060L5050A00 ANAREN-X0060L5050A00 Datasheet
184Kb / 5P
   Ultra Low Profile 0603 RF Crossover
J0060L7575A00 ANAREN-J0060L7575A00 Datasheet
181Kb / 5P
   Ultra Low Profile 0603 RF Jumper
J0060L5050A00 ANAREN-J0060L5050A00 Datasheet
181Kb / 5P
   Ultra Low Profile 0603 RF Jumper
BD2326L50200AHF ANAREN-BD2326L50200AHF Datasheet
198Kb / 5P
   Ultra Small Low Profile 0603 Balun
logo
AVX Corporation
X2B2020RFRFT AVX-X2B2020RFRFT Datasheet
477Kb / 4P
   MLOTM RF-RF SMT Crossover
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
   Low Crossover Distortion
logo
AVX Corporation
X2A2020RFDCT AVX-X2A2020RFDCT Datasheet
461Kb / 4P
   The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.
logo
Anaren Microwave
BD3150L50100AHF ANAREN-BD3150L50100AHF Datasheet
3Mb / 6P
   Ultra Small Low Profile 0603 Balun 50 to 100 Balanced
logo
Wurth Elektronik GmbH &...
82306120029 WURTH-82306120029 Datasheet
336Kb / 5P
   0603 ESD ULTRA LOW CAP TVS
82306050029 WURTH-82306050029 Datasheet
334Kb / 5P
   0603 ESD ULTRA LOW CAP TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com