Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19K101-271L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 19K101-271L5
Description  SMP STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

19K101-271L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  19K101-271L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 19K101-271L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
SMP
STRAIGHT JACK
19K101-271L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances acc. ISO 2768 m-H
Interface
According to
MIL-STD-348
Documents
Assembly instruction
19 E5
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper AuroDur, gold plated
Outer contact
Beryllium copper AuroDur, gold plated
Dielectric
PTFE


Similar Part No. - 19K101-271L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-271L5-NM ROSENBERGER-19K101-271L5-NM Datasheet
52Kb / 2P
   SMP STRAIGHT JACK
More results

Similar Description - 19K101-271L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-272L5 ROSENBERGER-19K101-272L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-272L5-NM ROSENBERGER-19K101-272L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K107-271L5 ROSENBERGER-19K107-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5 ROSENBERGER-19K102-101L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K101-103L5 ROSENBERGER-19K101-103L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K107-270L5 ROSENBERGER-19K107-270L5 Datasheet
306Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5-NM ROSENBERGER-19K102-101L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-1X1L5 ROSENBERGER-19K102-1X1L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-270L5 ROSENBERGER-19K101-270L5 Datasheet
773Kb / 2P
   SMP STRAIGHT JACK
19K101-102L5-NM ROSENBERGER-19K101-102L5-NM Datasheet
53Kb / 2P
   SMP STRAIGHT JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com