Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19K106-K00L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 19K106-K00L5
Description  Adaptor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

19K106-K00L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  19K106-K00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 19K106-K00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
Adaptor
SMP jack - jack
19K106-K00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances acc. ISO 2768 m-H
Interface
According to
MIL-STD-348
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
AuroDur®, gold plated
Outer contact
CuBe
AuroDur®, gold plated
Dielectric
PTFE


Similar Part No. - 19K106-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-102L5 ROSENBERGER-19K101-102L5 Datasheet
223Kb / 2P
   All dimensions are in mm; tolerances acc. ISO 2768 m-H
19K101-102L5-NM ROSENBERGER-19K101-102L5-NM Datasheet
53Kb / 2P
   SMP STRAIGHT JACK
19K101-103L5 ROSENBERGER-19K101-103L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K101-270L5 ROSENBERGER-19K101-270L5 Datasheet
773Kb / 2P
   SMP STRAIGHT JACK
19K101-271L5 ROSENBERGER-19K101-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
More results

Similar Description - 19K106-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com