Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDZ6.8 Datasheet(HTML) 2 Page - Rohm

Part No. FDZ6.8
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

FDZ6.8 Datasheet(HTML) 2 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Vz test time is 40ms
5.0
2.0
FDZ Series
Data sheet
●Characteristics (Ta=25ºC)
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
1.5
FDZ5.1
FDZ6.2
5.860
6.530
5.0
1.0
5.310
5.920
5.0
1.0
2.5
4.840
5.370
4.0
FDZ6.8
6.470
7.140
5.0
0.5
3.5
FDZ7.5
7.060
7.840
5.0
0.5
3.0
FDZ5.6
TYPE
Marking
FDZ8.2
7.760
8.640
5.0
0.5
5.0
●Marking
FDZ6.2
FA
FDZ6.8
HA
TYPE
Marking
FDZ5.1
DA
FDZ7.5
JA
FDZ5.6
EA
FDZ8.2
KA
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
2016/08/30_Rev.00
2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn