Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5554VN Datasheet(PDF) 55 Page - Asahi Kasei Microsystems

Part # AK5554VN
Description  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Datasheet(HTML) 55 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 51Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 55 -
[2] DSD mode
The Internal PDN is released by inputting MCLK after setting the PDN pin to
“H”.
PDN pin
Power-Down
Normal Operation
MCLK In
ADC In
(Analog)
DSD Out
(Digital)
Don
’t care
(3)
“L” (-full scale data)
Don
’t care
Internal
State
(4)
(1)
(2)
Initialize
Power-Down
OVF-pin
normal data
abnormal data
normal data
“L” (-full scale data)
(6)
(5)
Internal PDN
Figure 61. DSD Operation Timing
Notes:
(1)
The internal LDO is powered up by releasing PDN pin to “H”. The internal PDN is released by
toggling internal oscillator clock for 16384 times (max. 10ms).
The internal PDN is released in max. 1 ms after releasing PDN pin to
“H”.
Register writings become available when the internal PDN changes to
“1”.
During this period, digital output and digital in/output pins may output an instantaneous pulse (max.
1 us). Therefore, referring the output of digital pins and data transmission with a device on the same
3-wire serial/I
2C bus as the AK5554 should be avoided in this period to prevent system errors.
(2) Initialization operation will be completed in 583/fs.
(3) DSD output pins output
“L” (-full scale data) during power down and initializing operation. DSD
output pins output full scale data during phase modulation mode, a reset sequence and a CH power
down status.
(4) The OVF pin outputs
“H” when an excessive signal is input and overflow is detected at internal
modulator. The OVF pin status will change after group delay period from the excessive input.
(5) In the case above (4), the DSD output data will not be correct.
(6) The OVF pin returns to
“L” when the input signal settled to a normal state and overflow status of the
internal modulator is resolved. The OVF pin status will change after group delay period from the
normal input.


Similar Part No. - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Similar Description - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com