Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9710 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK9710
Description  High Speed Response (~100kHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9710 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK9710 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 9Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 10Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
[AK9710AEF01]
016013404-E-01
2016/12
- 7 -
12. Package
12.1. Outline Dimensions
Unit: mm
Unless otherwise specified: ± 0.1mm
Figure 12.1 Outline Dimensions
12.2. Pad Dimensions
Figure 12.2 Pad Dimensions


Similar Part No. - AK9710

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9720 AKM-AK9720 Datasheet
902Kb / 31P
   IR Sensor Module with I2C I/F
AK9750 AKM-AK9750 Datasheet
1Mb / 49P
   IR Sensor IC with I2C I/F
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
More results

Similar Description - AK9710

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
IXYS Corporation
IXGI48N60C3 IXYS-IXGI48N60C3 Datasheet
247Kb / 7P
   High-Speed PT IGBTs for 40-100kHz Switching
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
   Super High Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
logo
Asahi Kasei Microsystem...
CQ-3301 AKM-CQ-3301 Datasheet
566Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3204 AKM-CQ-3204 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com