Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3440ABN122 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP3440ABN122
Description  High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3440ABN122 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP3440ABN122 Datasheet HTML 1Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
[AP3440]
016008997-E-00
2016/10
- 5 -
7. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Voltage between PGND1~4 and VIN,
PVIN1~4 or SW1~6
Vterm1
-0.3
+6.0
V
Voltage between SGND and FSIN, EN,
SS, CC, TEST1~3, PG, FSO, VO1 or VO2
Vterm2
-0.3
+6.0
V
Voltage between SGND and PGND1~4
Vterm3
-0.3
+0.3
V
Voltage between VIN and PVIN1~4
Vterm4
-0.3
+0.3
V
Storage Ambient Temperature Range
Tstg
-40
150
°C
Junction Temperature
Tj
-40
150
°C
Power Dissipation (Note 1) Ta=25°C
Pd parallel
11.767
W
Note 1
. Junction to Ambient Thermal Resistance
θ
JA = 39.7°C/W
Junction to Case Thermal Resistance
θ
JC = 0.93°C /W
Parallel Thermal Resistance
JA: 25%,
θ
JC: 75%)
θ
(JA+JC) = 10.63°C /W
Ambient temperature of 25
°C using JEDEC 4L board. (114.3mm × 76.2mm)
Figure 4. Power Dissipation
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
150
OPERATING AMBIENT TEMPERATURE Ta [℃]
125℃ 2.353W
25℃ 11.767W


Similar Part No. - AP3440ABN122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results

Similar Description - AP3440ABN122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com