Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3440ABN122 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP3440ABN122
Description  High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3440ABN122 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP3440ABN122 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3440ABN122 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
[AP3440]
016008997-E-00
2016/10
- 7 -
9. Electrical Characteristics
(VIN=5.05V, Tj=-40
°C~150°C, unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Output Voltage Accuracy (Note 5)
Vout
1.205
1.227
1.251
V
VIN Pin Current (in operation)
Isupply
-
-
3
mA
VIN Shut-down Current
Ishd1
-
-
1
uA
Tj=25
°C
PVIN Shut-down Current
Ishd2
-
-
1
uA
Tj=25
°C
Over Current Protection Threshold
OCL
5.5
7.85
10.2
A
Coil Peak Current
Over Voltage Protection Threshold
OVP
126
134
142
%
Vout ratio
Oscillation Frequency
Freq
1950
2100
2250
kHz
Soft Start Charging Current
Iss
24
30
36
uA
Soft Start Finishing Threshold
Vss
1.11
1.17
1.23
V
Soft Start Time
Tss
2.1
3.9
6.7
ms
Css=0.1uF
High-side Minimum On-pulse
SWUMINon
-
-
85
ns
Low-side Minimum On-pulse
SWLMINon
-
-
132
ns
High-side On-resistance
of Internal Switching MOSFET
RDSONH
-
91
139
Include Cu wire
resistor
Low-side On-resistance
of Internal Switching MOSFET
RDSONL
-
41
69
Include Cu wire
resistor
Under Voltage Lock Out
Threshold(UVLO)
VD
3.8
3.95
4.1
V
Output Voltage Monitoring
Threshold (H) (Note 5)
PWGDH
1.259
1.280
1.301
V
Output Voltage Monitoring
Threshold
(L) (Note 5)
PWGDL
1.153
1.172
1.191
V
PG_BAD Detection Time
TRESET1
1
-
4.7
us
PG_GOOD Detection Time
TRESET2
8
10
12
ms
PG Output MOSFET On-resistance
RMOSON
-
-
50
Ω
Drain Current =20mA
EN Pin Pull-down Resistance
REN
60
100
140
EN Pin Input Voltage “H” (Note 2)
VSHDNH
2.0
-
5.5
V
EN Pin Input Voltage “L” (Note 2)
VSHDNL
0
-
0.4
V
MOSFET On-resistance
for EN Off Output Discharge
RMOSON
-
-
200
Ω
Discharging Current =
10mA
Line Regulation (Note 3)
ΔVline
-
-
0.685
%/V
Vin=4.7~5.4V
Load Regulation (Note 3)
ΔVload
-
-
0.3
%
Io=0.1~3.5A
Load Transient Response (Note 3)
Io=2
↔3.5A
Slew rate= 0.2A/us
Overshoot
VtranO
-
-
36.8
mV
Undershoot
VtranU
-
-
37.3
mV
Thermal Protection Threshold
(Note 2, Note 4)
Ttsd
155
175
200
°C
Thermal Protection Hysteresis
(Note 2, Note 4)
TSDhys
1
25
50
°C
FSIN Pin Pull-down Resistance
RFSIN
350
500
650
FSIN Pin Input Voltage “H” (Note 2)
VSHDNH
2.0
5.5
V
FSIN Pin Input Voltage “L” (Note 2)
VSHDNL
0
0.4
V
Note 2. Guaranteed by design.
Note 3. A reference value with the recommended circuit.
Note 4. This function is to protect the IC from an overheat situation. Functional operation of the device
including its reliability is not guaranteed under the condition that the overheat status beyond the
specifications continues.
Note 5. There is no overlap between Output Voltage and Output Voltage Monitoring since these values
are interlocked by tracking.


Similar Part No. - AP3440ABN122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results

Similar Description - AP3440ABN122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com