Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT30F4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT30F4
Description  Negligible switching losses
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT30F4 Datasheet HTML 2Page - STMicroelectronics BAT30F4 Datasheet HTML 3Page - STMicroelectronics BAT30F4 Datasheet HTML 4Page - STMicroelectronics BAT30F4 Datasheet HTML 5Page - STMicroelectronics BAT30F4 Datasheet HTML 6Page - STMicroelectronics BAT30F4 Datasheet HTML 7Page - STMicroelectronics BAT30F4 Datasheet HTML 8Page - STMicroelectronics BAT30F4 Datasheet HTML 9Page - STMicroelectronics BAT30F4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Recommendation on PCB assembly
BAT30F4
6/10
DocID025780 Rev 5
3
Recommendation on PCB assembly
3.1
Stencil opening design
1.
General recommendations on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 12. Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Recommended stencil window
a)
Stencil opening thickness: 80 µm
b)
Other dimensions: see Figure 13
Figure 13. Recommended stencil window position, stencil opening thickness: 80 µm
L
T
W
Aspect Ratio
W
T
-----
1.5
=
Aspect Area
LW
2T L
W
+

----------------------------
0.66
=
0.230
(0.0091)
0.183
(0.0072)
0.170
(0.0067)
0.656
(0.0258)
0.643
(0.0253)
Footprint
Stencil window
0.007
(0.00027)
0.007
(0.00027)
mm
(inches)
0.243
(0.0096)


Similar Part No. - BAT30F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30F3 STMICROELECTRONICS-BAT30F3 Datasheet
148Kb / 10P
   Small signal Schottky diode
BAT30FILM STMICROELECTRONICS-BAT30FILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30FILM STMICROELECTRONICS-BAT30FILM Datasheet
168Kb / 14P
   Small signal Schottky diodes
More results

Similar Description - BAT30F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW80F STMICROELECTRONICS-BYW80F Datasheet
361Kb / 7P
   Negligible switching losses
January 2002 - Ed: 3G
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
222Kb / 7P
   Negligible switching losses
February 2014 Rev 1
logo
Sangdest Microelectroni...
BAT54 SMC-BAT54 Datasheet
221Kb / 5P
   Negligible switching losses
logo
STMicroelectronics
STTH208-Y STMICROELECTRONICS-STTH208-Y Datasheet
221Kb / 7P
   Negligible switching losses
February 2014 Rev 1
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com