Electronic Components Datasheet Search |
|
CC1210CRNPOZBN121 Datasheet(PDF) 4 Page - TDK Electronics |
|
CC1210CRNPOZBN121 Datasheet(HTML) 4 Page - TDK Electronics |
4 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Dec. 9, 2016 V.18 Surface-Mount Ceramic Multilayer Capacitors 4 18 Product specification CAPACITANCE RANGE & THICKNESS FOR NP0 Table 2 Sizes from 0201 to 0805 CAP. 0201 0402 0603 0805 100V 100V 100 V 200 V 250 V 100 V 200 V 250 V 500 V 630V 0.22 pF 0.47 pF 0.3± 0.03 0.5± 0.05 0.8± 0.1 0.8± 0.1 0.8± 0.1 0.6± 0.1 0.6± 0.1 0.6± 0.1 0.6± 0.1 0.6± 0.1 0.56 pF 0.68 pF 0.82 pF 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.7 pF 3.3 pF 3.9 pF 4.7 pF 5.6 pF 6.8 pF 8.2 pF 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-12 series is on request |
Similar Part No. - CC1210CRNPOZBN121 |
|
Similar Description - CC1210CRNPOZBN121 |