Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS328DQ Datasheet(PDF) 9 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 5Page - STMicroelectronics IIS328DQ Datasheet HTML 6Page - STMicroelectronics IIS328DQ Datasheet HTML 7Page - STMicroelectronics IIS328DQ Datasheet HTML 8Page - STMicroelectronics IIS328DQ Datasheet HTML 9Page - STMicroelectronics IIS328DQ Datasheet HTML 10Page - STMicroelectronics IIS328DQ Datasheet HTML 11Page - STMicroelectronics IIS328DQ Datasheet HTML 12Page - STMicroelectronics IIS328DQ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID027250 Rev 3
9/40
IIS328DQ
Mechanical and electrical specifications
40
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd=3.3 V, T=25 °C unless otherwise noted(a).
a. The product is factory calibrated at 3.3 V. Operational power supply (Vdd) over 3.6 V is not recommended.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
FS
Measurement range(3)
FS bits set to 00
±2.0
g
FS bits set to 01
±4.0
FS bits set to 11
±8.0
So
Sensitivity
FS bits set to 00
12-bit representation
0.9
0.98
1.1
mg/digit
FS bits set to 01
12-bit representation
1.8
1.95
2.2
FS bits set to 11
12-bit representation
3.5
3.91
4.3
TCSo
Sensitivity change vs temp.
FS bits set to 00
±0.01
%/°C
TyOff
Typical zero-g level offset
accuracy (4),(5)
FS bits set to 00
-30
±20
+30
mg
TCOff
Zero-g level change vs.
temperature
Excursion from 25 °C
±0.8
mg/°C
Off
Zero-g level offset
accuracy(6)
FS bits set to 00
-300
+300
mg
An
Acceleration noise density
FS bits set to 00
218
μg/Hz
CrAx
Cross-axis(7)
-5
+5
%
Vst
Self-test output
change(8),(9),(10)
FS bits set to 00
X-axis
-500
-800
-1100
LSb
FS bits set to 00
Y-axis
500
800
1100
LSb
FS bits set to 00
Z-axis
400
600
800
LSb
Wh
Product weight
60
mgram
Top
Operating temperature range
-40
+105
°C
1. Min/Max values are based on characterization results, not tested in production
2. Typical values are not guaranteed.
3. Verified by wafer level test and measurement of initial offset and sensitivity.
4. Offset can be eliminated by enabling the built-in high-pass filter.
5. Typical zero-g level offset as per factory calibration @ T = 25
°C.
6. Min/Max values for Off parameter are across temperature (-40 °C to 105 °C) and after MSL3 preconditioning. Based on
characterization data. Not guaranteed and not tested in production.


Similar Part No. - IIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
   Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
   SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Similar Description - IIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com