Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42750MLAA-Z Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE42750MLAA-Z
Description  75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42750MLAA-Z Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE42750MLAA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42750MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
PE42750
Page 3 of 10
Document No. 70-0334-07
│ www.psemi.com
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
No.
Name
Description
1
GND
RF Ground
2
RF1
1
RF I/O
3
GND
RF Ground
4
GND
RF Ground
5
RFC
1
RF Common
6
GND
RF Ground
7
GND
RF Ground
8
RF2
1
RF I/O
9
GND
RF Ground
10
C2
2
Control 2 (or logic select)
11
C1
2
Control 1 (or logic select)
12
VDD
Supply
Pad
GND
Exposed Ground Paddle
Table 3. Pin Descriptions
Table 5. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS
®
device, observe the same
precautions that you would use with other ESD-sensitive
devices. Although this device contains circuitry to protect it from
damage due to ESD, precautions should be taken to avoid
exceeding the rating specified.
Table 4. Operating Conditions @ 25°C
Notes:
1.
RF pins 2, 5, and 8 must be at 0 VDC. The RF pins do not require
DC blocking capacitors for proper operation if the 0 V DC
requirement is met
2.
Pins 10 and 11 can be set for single pin control
3.
GND must be connected to exposed ground paddle to ensure
good isolation
Figure 3. Pin Configuration (Top View)
Parameter/Condition
Min
Max
Unit
VI Voltage on CTRL input
-0.3
VDD + 0.3
V
PRF RF power on RFC, RF1, RF2
Terminated/Through 75
23/26
dBm
TST Storage temperature
-55
+150
°C
VESD ESD Voltage, HBM,
MIL_STD 883, Method 3015.7
2000
V
VESD MM ESD Voltage all pins
JEDEC JESD22-A115-A
150
VESD CDM ESD Voltage
JEDEC JESD22-C101D
1000
VDD Power supply voltage
-0.3
4.0
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.63
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3V)
8
μA
Control Voltage High
0.7 x VDD
VDD
V
Control Voltage Low
0
0.3 x VDD
V
TOP Operating
Temperature
-40
+85
°C
PRF RF power on RFC,
RF1, RF2 Terminated/
Through 75
23/26
dBm
Exceeding absolute maximum ratings may cause permanent
damage. Operation between operating range maximum and
absolute maximum for extended periods may reduce reliability
.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE42750 in
the 12-lead 3 x 3 x 0.75 mm QFN package is MSL1.
Switching Frequency
The PE42750 has a maximum 25 kHz switching rate.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
®
devices are immune to latch-up.
Operation should be restricted to the limits in the Operating
Ranges table.
Table 6. Truth Table
1
VDD
C1
C2
RFC – RF1
RFC – RF2
OFF
2
Low
Low
OFF
OFF
ON
Low
Low
ON
OFF
ON
Low
High
OFF
ON
ON
High
Low
OFF
ON
ON
High
High
ON
OFF
Note: 1.
A versatile logic table has been established to allow either
C1 or C2 to act as a single pin control and in either polarity
2.
VDD at “OFF” represents an all terminated state
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42750MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42750MLAA-Z PEREGRINE-PE42750MLAA-Z Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results

Similar Description - PE42750MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com