Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4066RM13TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4066RM13TR
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4066RM13TR Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4066RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M74HC4066
4/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
2.0
10
50
65
75
ns
4.5
4
10
13
15
9.0
3
8
10
13
12.0
3
7
9
10
tPZL
tPZH
Output Enable Time
2.0
RL = 1K
18
100
125
150
ns
4.5
8
20
25
30
9.0
6
12
22
27
12.0
6
12
18
25
tPLZ
tPHZ
Output Disable
Time
2.0
RL = 1K
20
115
145
175
ns
4.5
10
23
29
35
9.0
8
20
25
30
12.0
8
18
22
27
Maximum Control
Input Frequency
2.0
RL = 1K
CL = 15 pF
VOUT = 1/2 VCC
30
MHz
4.5
30
9.0
30
12.0
30
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
10
10
10
pF
CI/O
Switch Terminal
Capacitance
6pF
CIOS
Feed Through
Capacitance
0.5
pF
CPD
Power Dissipation
Capacitance
(note 1)
15
pF


Similar Part No. - M74HC4066RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4066 STMICROELECTRONICS-M74HC4066 Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066B1R STMICROELECTRONICS-M74HC4066B1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066C1R STMICROELECTRONICS-M74HC4066C1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066M1R STMICROELECTRONICS-M74HC4066M1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
More results

Similar Description - M74HC4066RM13TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com