Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43205MLAA-Z Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE43205MLAA-Z
Description  UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43205MLAA-Z Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE43205MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 10Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PE43205
Page 7 of 11
Document No. DOC-30914-3
│ www.psemi.com
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
0
5
10
15
20
25
30
012
345
6
Frequency (GHz)
6dB
12dB
18dB
Typical Performance Data @ 25°C and VDD = 3.3V, unless otherwise specified
Figure 12. Relative Phase vs. Frequency
Figure 11. Output Return Loss vs. Temperature
@ 12 dB State


Similar Part No. - PE43205MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
More results

Similar Description - PE43205MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Advanced Semiconductor ...
AAT2076B2 ASB-AAT2076B2 Datasheet
598Kb / 9P
   Digital Attenuator 2-Bit 18 dB DC~1200 MHz
June 2017
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204 Datasheet
336Kb / 8P
   RF Digital Attenuator 2-bit; 0,6,12, and 18 dB States
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
   UltraCMOS짰 RF Digital Step Attenuator
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com