Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43205MLAA-Z Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE43205MLAA-Z
Description  UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43205MLAA-Z Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE43205MLAA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE43205MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE43205
Page 2 of 11
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-30914-3
│ UltraCMOS® RFIC Solutions
Table 1. Electrical Specifications @ +25°C, VDD = 2.3V to 5.5V
Parameter
Condition
Min
Typ
Max
Unit
Frequency range
35
6000
MHz
Attenuation range
6 dB and 12 dB steps
0–18
dB
Insertion loss
35 MHz–2 GHz
2–3 GHz
3–4 GHz
4–5 GHz
5–6 GHz
0.50
0.60
0.70
0.85
1.05
0.60
0.70
0.80
1.10
1.30
dB
dB
dB
dB
dB
Attenuation error
0 dB–18 dB attenuation settings
35 MHz–2 GHz
>2–3 GHz
>3–4 GHz
>4–5 GHz
>5–6 GHz
–0.25
–0.20
–0.15
–0.15
–0.30
0.10
0.15
0.45
0.55
0.75
0.40
0.50
1.05
1.25
1.55
dB
dB
dB
dB
dB
Return loss
35 MHz–2 GHz
2–3 GHz
3–4 GHz
4–5 GHz
5–6 GHz
17
14
11
10
9
dB
dB
dB
dB
dB
Relative phase
All states
35 MHz–2 GHz
2–3 GHz
3–4 GHz
4–5 GHz
5–6 GHz
9
12
17
22
24
deg
deg
deg
deg
deg
Input 0.1dB compression point *
200 MHz–6 GHz
30
dBm
IIP3
1950 MHz
61
dBm
Switching time
50% DC CTRL to 90% or 10% RF
29
ns
Note: * Input 0.1 dB compression point is a linearity figure of merit. Refer to Table 3 for operating RF input power (50
Ω).


Similar Part No. - PE43205MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
More results

Similar Description - PE43205MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Advanced Semiconductor ...
AAT2076B2 ASB-AAT2076B2 Datasheet
598Kb / 9P
   Digital Attenuator 2-Bit 18 dB DC~1200 MHz
June 2017
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204 Datasheet
336Kb / 8P
   RF Digital Attenuator 2-bit; 0,6,12, and 18 dB States
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
   UltraCMOS짰 RF Digital Step Attenuator
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com