Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43404MLI-Z Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # PE43404MLI-Z
Description  75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43404MLI-Z Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button PE43404MLI-Z Datasheet HTML 3Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 4Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 5Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 6Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 10Page - Peregrine Semiconductor PE43404MLI-Z Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE43404
Page 10 of 11
©2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0258-01 │ UltraCMOS™ RFIC Solutions
Figure 21. Marking Specifications
Figure 22. Tape and Reel Drawing
43404
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of PSC Lot Number
Table 10. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
PE43404MLI
43404
PE43404G-20MLP 4x4mm-75A
Green 20-lead 4x4 mm QFN
Tape or loose
PE43404MLI-Z
43404
PE43404G-20MLP 4x4mm-3000C
Green 20-lead 4x4 mm QFN
3000 units / T&R
EK43404-01
PE43404-EK
PE43404-20MLP 4x4mm-EK
Evaluation Kit
1 / Box
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43404MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43404MLI-Z PEREGRINE-PE43404MLI-Z Datasheet
526Kb / 11P
   75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
More results

Similar Description - PE43404MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
   75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com