Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2127-EVAL1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2127-EVAL1
Description  PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127-EVAL1 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2127-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 8Page - Vicor Corporation PI2127-EVAL1 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Picor Corporation • picorpower.com
PI2127-EVAL1 User Guide
Rev. 1.0
Page 4 of 9
Reference Designator
Value
Functional Description
C1, C2, C3, C4
Not installed
Snubber to reduce voltage ringing when the device turns off
C3
22μF
Output (Load) Capacitor
C6
2.2uF
Output (Load) Capacitor
D1, D2
LED
To indicate a fault exists when it is on
Q1, Q2
FJV1845
Constant Current bias circuit
R1, R2
Not Installed
Bias Circuit RPG, replaces constant current circuit
R3, R4
2.8K
Constant Current bias circuit, sets the current limiting
R5, R6,
1.5KΩ
LED current limit resistor, selected to operate at 3.3V and 5.0V logic voltage. Replace R5
and R6 with the proper resistor value for different logic voltage.
R7, R8
100K
Constant Current bias circuit
U1, U2
PI2127-01-LGIZ
Cool-ORing® SiP.
Table 3: Component functional description
Test Procedure:
Initial Test Set Up
PI2127-EVAL1 designed with two bias circuit options,
bias resistor RPG (R1 and R2) and constant current
circuit.
The constant current circuits are installed;
where R1 and R2 were not installed.
Leave enable inputs (EN1 and EN2) unconnected
(open).
Baseline Test Procedure – PI2127 (Refer to Figure 3)
1.
Recommended Material
1.1. Material Needed-Picor supplied
1.1.1. PI2127-EVAL1
1.1.2.
PI2127 Product Datasheet
1.2. Recommended Users Supplied Equipment
1.2.1. Two DC power supplies: 0-60V; 15A each.
1.2.2. One low power logic voltage power supply
1.2.3. Load: electronic Load, Power resistors or
actual load.
1.2.4. Multimeter.
1.2.5. Oscilloscope.
1.2.6. Appropriately sized interconnect cables.
1.2.7. Safety glasses.
Before initial power-up follow these steps to configure
the evaluation board for specific end application
requirements:
2.
EN inputs:
2.1. Enable inputs (EN1 and EN2) were left
unconnected (open). PI2127 devices will be
enabled while enable pins are open. To disable
PI2127, connecting the enable input to return
(Vin-) with a hard wire or with an active device
(Transistor or MOSFET). Leave EN1 and EN2
unconnected for the initial test.
3.
Control Circuitry Bias:
3.1. The PI2127 control circuitry and the gate driver
for the internal MOSFET are biased through the S
pin. An internal regulator clamps the S pin
voltage with respect to PG pin (VS-PG) to 11.7V
typically.
A bias resistor (RPG) or a Constant
Current bias circuit is required if the voltage at
the S pin is higher than the minimum Voltage
Clamp (VS-CLM, 11V).
PI2127-EVAL1 has both
circuits laid out, but the constant current bias
circuit components are installed while RPG is not
installed.


Similar Part No. - PI2127-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2127-01-LGIZ VICOR-PI2127-01-LGIZ Datasheet
1Mb / 19P
   60 Volt, 12 Amp Full-Function Active ORing Solution
More results

Similar Description - PI2127-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
   PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
   PI2121-EVAL1 Full-Function Active ORing
PI5101-EVAL1 VICOR-PI5101-EVAL1 Datasheet
1Mb / 12P
   PI5101-EVAL1 3.3V/60A High Side Active ORing
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
   PI2001-EVAL1 Active ORing
PI2007-EVAL1 VICOR-PI2007-EVAL1 Datasheet
1Mb / 10P
   PI2007-EVAL1 48V Bus High Side Active ORing
PI2003-EVAL1 VICOR-PI2003-EVAL1 Datasheet
554Kb / 8P
   PI2003-EVAL1 Active ORing
PI2161-EVAL1 VICOR-PI2161-EVAL1 Datasheet
860Kb / 8P
   PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
   PI2002-EVAL1 Active ORing With Load Disconnect
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
   60 Volt, 12 Amp Full-Function Active ORing Solution
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
   30 Volt, 12 Amp Full-Function Active ORing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com