Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2211 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation PI2211 Datasheet HTML 10Page - Vicor Corporation PI2211 Datasheet HTML 11Page - Vicor Corporation PI2211 Datasheet HTML 12Page - Vicor Corporation PI2211 Datasheet HTML 13Page - Vicor Corporation PI2211 Datasheet HTML 14Page - Vicor Corporation PI2211 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 11 of 26
PI2211

SOA Thermal Cycling:
The PI2211 continuously monitors the power dissipation in
the MOSFET by measuring the voltage drop across the
MOSFET (VDS) and the calculated current through the sense
resistor (IDRAIN).
As previously described the power
information is processed through two equivalent internal
networks whose individual responses emulate the MOSFET
RJ-C and RC-A thermal characteristics. These two responses
are summed together to create an accurate RJ-A thermal
response.
When the computed junction temperature rise in the
MOSFET is 60°C, the MOSFET is turned off and, while still
being continuously monitored, allowed to cool to a calculated
junction temperature rise of 21°C (an estimated drop of
39°C). The MOSFET is once again turned on and monitored.
The PI2211 will continue the thermal cycling of the MOSFET
16 times with this temperature hysteresis range before
dropping the cool down temperature to 3°C rise. Once at
3°C, the PI2211 will continue the thermal cycling indefinitely
with a 57°C temperature hysteresis range resulting in a long
cool down period. An example of this SOA thermal cycling is
shown below in Figure 5 and in Figure 11.
Figure 5 - SOA Thermal Cycling
Figure 5 shows the initial string of 16 SOA pulses. The VGS is
displayed on Ch1 (blue), the start-up current is shown on Ch3
(purple) and the BUS voltage is shown on Ch4 (green). Power
-good is shown on Ch2 (light blue), which is low during SOA.
VAUX Supply/Gate Drive:
The PI2211 is designed to be used in systems where the BUS
voltage range is from 0.9Vdc to 14Vdc. When using a BUS
voltage of 4.5Vdc or greater, the PI2211 internal LDO
regulator creates a VCC voltage of 4Vdc to bias the IC.
When using a BUS of less than 4.5Vdc, an external supply
(VAUX) is required to drive VCC; typically 5Vdc or greater with
a series current limiting resistor (RAUX), as is shown in Figure
6, to protect the internal clamp of the VCC pin. The RAUX
limiting resistor is calculated as: RAUX = (VAUX - 3.8V)/10mA.
Though the BUS pin is not used to generate VCC, it still must
be connected to the BUS supply for proper operation.
Figure 6 - External VAUX connection for lower BUS voltages.
The PI2211 has an internal charge pump that requires no
external components and is designed to be used with
MOSFET that can operate with a gate drive of 4.5Vdc.
Figure 7 - Enable, UV and OV thresholds.


Similar Part No. - PI2211

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI227 AMI-PI227 Datasheet
648Kb / 10P
   200DPI CIS Sensor
More results

Similar Description - PI2211

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
B57235S0479M000 EPCOS-B57235S0479M000 Datasheet
343Kb / 15P
   NTC thermistors for inrush current limiting
logo
Thinking Electronic Ind...
SCK05052L THINKING-SCK05052L Datasheet
1Mb / 19P
   Power Thermistor for Limiting Inrush Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com