Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBR6012-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STBR6012-Y
Description  Automotive high voltage rectifier for bridge applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR6012-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STBR6012-Y Datasheet HTML 1Page - STMicroelectronics STBR6012-Y Datasheet HTML 2Page - STMicroelectronics STBR6012-Y Datasheet HTML 3Page - STMicroelectronics STBR6012-Y Datasheet HTML 4Page - STMicroelectronics STBR6012-Y Datasheet HTML 5Page - STMicroelectronics STBR6012-Y Datasheet HTML 6Page - STMicroelectronics STBR6012-Y Datasheet HTML 7Page - STMicroelectronics STBR6012-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STBR6012-Y
2/8
DocID029942 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRSM
Non-repetitive surge reverse voltage
1500
V
VRRM
Repetitive peak reverse voltage
Tj = -40 °C to +175 °C
1200
V
IF(RMS)
Forward rms current
90
A
IF(AV)
Average forward current
TC = 135 °C,
δ = 0.5 square wave
60
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
500
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 3: Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
0.45
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
5
µA
Tj = 150 °C
-
25
250
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 60 A
-
1.05
1.3
V
Tj = 150 °C
-
0.95
1.2
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.96 x IF(AV) + 0.004 x IF2(RMS)


Similar Part No. - STBR6012-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR6012W STMICROELECTRONICS-STBR6012W Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
More results

Similar Description - STBR6012-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR3012-Y STMICROELECTRONICS-STBR3012-Y Datasheet
319Kb / 8P
   Automotive high voltage rectifier for bridge applications
November 2016 Rev 1
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
   Motor bridge driver for automotive applications
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
   Motor bridge driver for automotive applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
   High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
   Dual High Side Switch for H-Bridge Automotive Applications
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
   H-bridge gate driver for automotive applications
February 2021 Rev 6
logo
NTE Electronics
NTE504 NTE-NTE504 Datasheet
17Kb / 2P
   High Voltage Selenium Rectifier for TV Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com