Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3741-0X-EVAL1 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3741-0X-EVAL1
Description  PI2211-EVAL1: 12V/10A Cool-Swap??Controller Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3741-0X-EVAL1 Datasheet(HTML) 1 Page - Vicor Corporation

  PI3741-0X-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI3741-0X-EVAL1 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

Picor Corporation · picorpower.com
PI2211
Rev1 Preliminary, Page 1 of 7
PI2211-EVAL1
Cool-Swap
PI2211-EVAL1: 12V/10A Cool-Swap™ Controller Evaluation Board
User Guide
The PI2211 EVAL1 evaluation board is designed to acquaint
the user to the features and benefits of Picor's PI2211 Cool-
Swap™ controller; featuring True-SOA™ MOSFET power
monitoring and protection, and Glitch-Catcher™ voltage
suppression circuitry. The PI2211 EVAL1 board is designed for
a 12V nominal BUS voltage, with an operational BUS range of
11V to 13V. It is designed to be run at 10A continuously with
a circuit breaker threshold of 13A and a start-up current limit
of 6.25A.
The evaluation board features screw-type terminal blocks to
allow for easy connections to a supply and a load. Key signal
nodes are brought out to turret pins; such as power-good,
under-voltage/enable and over-voltage. These pins can be
used for monitoring or for connection to external control
circuitry.
The PI2211 EVAL1 evaluation board is not designed, nor is it
intended, to be used as a component in an end-product.
Please refer to the PI2211 datasheet for detailed functional
descriptions, characteristics and specifications.
Evaluation Board Test Points
Test Point
Description
GATE
GATE drive signal of the PI2211
OV
Over-Voltage pin.
UV
Under-Voltage and Enable pin.
PG
Power-good signal pin.
DRAIN
MOSFET Drain signal.
VBUS
Input BUS signal.
VCC
PI2211's VCC pin.
GND
GND reference for all signal
measurements.
Table 1 - Evaluation Board Test Points
Evaluation Board Supply and Load Connections
Figure 2 - Evaluation board connections.
Figure 1 - PI2211 EVAL1 Evaluation Board


Similar Part No. - PI3741-0X-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3741-0X VICOR-PI3741-0X Datasheet
979Kb / 38P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3741-0X VICOR-PI3741-0X Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
More results

Similar Description - PI3741-0X-EVAL1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Analog Devices
ADM1070EB AD-ADM1070EB Datasheet
239Kb / 12P
   ADM1070 Hot Swap Controller Evaluation Kit Documentation
REV. 0
logo
Linear Technology
LTC4233 LINER-LTC4233 Datasheet
309Kb / 6P
   10A/20A Guaranteed SOA Hot Swap Controller
logo
Monolithic Power System...
EV2905-K-01A MPS-EV2905-K-01A Datasheet
240Kb / 5P
   1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
logo
Newhaven Display Intern...
NHD-3.5-320240MF-22 NEWHAVEN-NHD-3.5-320240MF-22 Datasheet
453Kb / 7P
   TFT Controller Evaluation Board
NHD-3.5-320240MF-20 NEWHAVEN-NHD-3.5-320240MF-20 Datasheet
322Kb / 7P
   TFT Controller Evaluation Board
NHD-3.5-320240MF-34 NEWHAVEN-NHD-3.5-320240MF-34 Datasheet
441Kb / 7P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-22 NEWHAVEN-NHD-4.3-480272MF-22 Datasheet
310Kb / 7P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-20 NEWHAVEN-NHD-4.3-480272MF-20 Datasheet
289Kb / 8P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-34 NEWHAVEN-NHD-4.3-480272MF-34 Datasheet
310Kb / 7P
   TFT Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com