Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLI-ETD54 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CLI-ETD54
Description  Dimensions for product: ETD54/28/19
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLI-ETD54 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CLI-ETD54 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLI-ETD54 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ETD54/28/19
Core
Product specifications
Power loss: 3C97
Measuring conditions
Unit
Max
100 kHz
W/set
17.000
200 mT
120 ºC
100 kHz
W/set
21.000
200 mT
140 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
6.800
50 mT
100 ºC
500 kHz
W/set
47.000
100 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
330
250 A/m
100 ºC
3C97
25 kHz
mT
340
250 A/m
100 ºC
3F36
Description
Accessories
Ordering code
Ordering name
CLI-ETD54
432202100681
Clip
CPH-ETD54-1S-22P
432202100671
Coil former, termoplastic, horizontal
CPH-ETD54-1S-22P-TZ
432202106701
Coil former, termoplastic, horizontal
2016


Similar Part No. - CLI-ETD54

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLI-ETD54 FERROXCUBE-CLI-ETD54 Datasheet
17Kb / 1P
   ETD cores and accessories
CLI-ETD54 FERROXCUBE-CLI-ETD54 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CLI-ETD54 FERROXCUBE-CLI-ETD54_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD54/28/19
More results

Similar Description - CLI-ETD54

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLI-ETD54 FERROXCUBE-CLI-ETD54_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD54/28/19
CP-P30-19-1S FERROXCUBE-CP-P30-19-1S Datasheet
81Kb / 2P
   Dimensions for product: P30/19
CP-P30-19-1S-A FERROXCUBE-CP-P30-19-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P30/19
CP-P30-19-3S FERROXCUBE-CP-P30-19-3S Datasheet
81Kb / 2P
   Dimensions for product: P30/19
CP-P30-19-2S FERROXCUBE-CP-P30-19-2S Datasheet
81Kb / 2P
   Dimensions for product: P30/19
CP-EC41-1S FERROXCUBE-CP-EC41-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC41/19/12
BPL4-EC41 FERROXCUBE-BPL4-EC41_17 Datasheet
79Kb / 2P
   Dimensions for product: EC41/19/12
SPR-E55-28-21 FERROXCUBE-SPR-E55-28-21 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CP-E55 FERROXCUBE-CP-E55 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CLA-E55 FERROXCUBE-CLA-E55_17 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com