Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIBU81-202 Datasheet(PDF) 2 Page - Total Power International

Part # TPIBU81-202
Description  80W Open Frame Type Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIBU81-202 Datasheet(HTML) 2 Page - Total Power International

  TPIBU81-202 Datasheet HTML 1Page - Total Power International TPIBU81-202 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPIBU81 SERIES
MPU15C-110
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
N/C
N/C
N/C
N/C
N/C
N/C
Vo2
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Vo3
Vo3
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:350gsapprox.
3.InputconnectormateswithMolexhousing
09-52-4034andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
TPIBU81-2XX
TPIBU81-215
PIN
MODEL
TPIBU81-3XX
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
0%
-20
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPIBU81-200
TPIBU81-201
TPIBU81-202
TPIBU81-203
TPIBU81-204
TPIBU81-215
TPIBU81-300
TPIBU81-302
TPIBU81-303
TPIBU81-304
TPIBU81-305
TPIBU81-306
+3.3V
+3.3V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
12
. A
1.2A
1.2A
12
. A
1.2A
12A
12A
12A
12A
12A
12A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-24V
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
5
0. A
5
0. A
5
0. A
3
0. A
5
0. A
5
5A
5A
5A
3A
5A
2A
5A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
80W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
80W
80W
80W
64.6W
80W
80W
80W
80W
80W
80W
80W
+5V
+5V
+5V
+5V
-12V
0A
5%
12A
1.2A
TPIBU81-300-1
+
V
3.3
+
V
12
0. A
5
5A
5%
80W
+12V
0A
5%
12A
1.2A
TPIBU81-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
12A
1.2A
5A
TPIBU81-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
12A
1.2A
5A
12A
5A
TPIBU81-302-1
+5V
5%
+12V
5%
+12V
5%
80W
12A
5A
12A
5A
TPIBU81-303-1
+5V
5%
+15V
5%
+15V
5%
80W
12A
5A
12A
3A
TPIBU81-304-1
+5V
5%
+24V
5%
+24V
5%
80W
12A
3A
08A
.
12A
3A
08A
.
TPIBU81-305-1
+5V
5%
+24V
5%
+12V
5%
80W
12A
3A
08A
.
12A
5A
08A
.
TPIBU81-306-1
+3.3V
7%
+12V
5%
+5V
5%
80W
12A
5A
08A
.
TPIBU81-308
+3.3V
7%
+ V
5
5%
-12V
5%
76.6W
12A
5A
1.0A
TPIBU81-308-1
+3.3V
7%
+ V
5
5%
+12V
5%
76.6W
12A
5A
1.0A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
7%
7%
0. A
5
0. A
5
0. A
5
0. A
5
0.5A
0. A
5
0. A
3
0. A
3
0. A
3
0. A
3
0. A
5
0. A
5
0. A
5
0. A
5
08A
.
08A
.
0A
TPIBU81-307
TPIBU81-307-1
+5V
5%
+
V
10
5%
- 0
1 V
5%
80W
12A
5A
1.0A
+5V
5%
+
V
10
5%
+10V
5%
80W
12A
5A
1.0A
1.2A
1.2A
0A
0A
0. A
5
0. A
5
80WOpenFrameType
IndustrialPowerSupplies
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Total Power International, Inc.
Tota


Similar Part No. - TPIBU81-202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIBU80-200 TOTAL-POWER-TPIBU80-200 Datasheet
287Kb / 2P
   80W Open Frame Type
TPIBU80-201 TOTAL-POWER-TPIBU80-201 Datasheet
287Kb / 2P
   80W Open Frame Type
TPIBU80-202 TOTAL-POWER-TPIBU80-202 Datasheet
287Kb / 2P
   80W Open Frame Type
TPIBU80-203 TOTAL-POWER-TPIBU80-203 Datasheet
287Kb / 2P
   80W Open Frame Type
TPIBU80-204 TOTAL-POWER-TPIBU80-204 Datasheet
287Kb / 2P
   80W Open Frame Type
More results

Similar Description - TPIBU81-202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPIBU-80 TOTAL-POWER-TPIBU-80 Datasheet
287Kb / 2P
   80W Open Frame Type
TPIBU-40 TOTAL-POWER-TPIBU-40 Datasheet
254Kb / 2P
   40W Open Frame Type Industrial Power Supplies
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
   63W Open Frame Type Industrial Power Supplies
logo
Vitec Power
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
logo
DB Lectro Inc
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU80 DBLECTRO-SBU80 Datasheet
446Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
logo
Vitec Power
SIFA80 Vitec-SIFA80 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81-SERIES Vitec-SIFA81-SERIES Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81 Vitec-SIFA81 Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com