Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIBU80-300 Datasheet(PDF) 2 Page - Total Power International

Part # TPIBU80-300
Description  80W Open Frame Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIBU80-300 Datasheet(HTML) 2 Page - Total Power International

  TPIBU80-300 Datasheet HTML 1Page - Total Power International TPIBU80-300 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPIBU80 SERIES
MPU15C-110
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
N/C
N/C
N/C
N/C
N/C
N/C
Vo2
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Vo3
Vo3
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:350gsapprox.
3.InputconnectormateswithMolexhousing
09-52-4054andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
TPIBU80-2XX
TPIBU80-215
PIN
MODEL
TPIBU80-3XX
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
0%
-20
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPIBU80-200
TPIBU80-201
TPIBU80-202
TPIBU80-203
TPIBU80-204
TPIBU80-215
TPIBU80-300
TPIBU80-302
TPIBU80-303
TPIBU80-304
TPIBU80-305
TPIBU80-306
+3.3V
+3.3V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
12
. A
1.2A
1.2A
12
. A
1.2A
12A
12A
12A
12A
12A
12A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-24V
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
5
0. A
5
0. A
5
0. A
3
0. A
5
0. A
5
5A
5A
5A
3A
5A
2A
5A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
80W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
80W
80W
80W
64.6W
80W
80W
80W
80W
80W
80W
80W
+5V
+5V
+5V
+5V
-12V
0A
5%
12A
1.2A
TPIBU80-300-1
+
V
3.3
+
V
12
0. A
5
5A
5%
80W
+12V
0A
5%
12A
1.2A
TPIBU80-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
12A
1.2A
5A
TPIBU80-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
12A
1.2A
5A
12A
5A
TPIBU80-302-1
+5V
5%
+12V
5%
+12V
5%
80W
12A
5A
12A
5A
TPIBU80-303-1
+5V
5%
+15V
5%
+15V
5%
80W
12A
5A
12A
3A
TPIBU80-304-1
+5V
5%
+24V
5%
+24V
5%
80W
12A
3A
08A
.
12A
3A
08A
.
TPIBU80-305-1
+5V
5%
+24V
5%
+12V
5%
80W
12A
3A
08A
.
12A
5A
08A
.
TPIBU80-306-1
+3.3V
7%
+12V
5%
+5V
5%
80W
12A
5A
08A
.
TPIBU80-308
+3.3V
7%
+ V
5
5%
-12V
5%
76.6W
12A
5A
1.0A
TPIBU80-308-1
+3.3V
7%
+ V
5
5%
+12V
5%
76.6W
12A
5A
1.0A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
7%
7%
0. A
5
0. A
5
0. A
5
0. A
5
0.5A
0. A
5
0. A
3
0. A
3
0. A
3
0. A
3
0. A
5
0. A
5
0. A
5
0. A
5
08A
.
08A
.
0A
TPIBU80-307
TPIBU80-307-1
+5V
5%
+
V
10
5%
- 0
1 V
5%
80W
12A
5A
1.0A
+5V
5%
+
V
10
5%
+10V
5%
80W
12A
5A
1.0A
1.2A
1.2A
0A
0A
0. A
5
0. A
5
80WOpenFrameType
IndustrialPowerSupplies
Total Power International, Inc.
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIBU80-300

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIBU81-200 TOTAL-POWER-TPIBU81-200 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-201 TOTAL-POWER-TPIBU81-201 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-202 TOTAL-POWER-TPIBU81-202 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-203 TOTAL-POWER-TPIBU81-203 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-204 TOTAL-POWER-TPIBU81-204 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
More results

Similar Description - TPIBU80-300

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
logo
BOSER Technology Co., L...
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
   80W AC-DC Open Frame Power Supply
logo
CINCON ELECTRONICS Corp...
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
   80W WATT OPEN FRAME AC-DC MODULES
logo
Vitec Power
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
logo
DB Lectro Inc
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
logo
Vitec Power
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com