Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM450BCO Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # OM450BCO
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

OM450BCO Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button OM450BCO Datasheet HTML 3Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 4Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 5Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 6Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 7Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 8Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 9Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 10Page - Pulse A Technitrol Company OM450BCO Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1 800 ANTENNA
69
NOTE: Antennas are not to scale
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
WHIP SIZE
NMOQBASE1B
.070
NMOQBASE2B
.100
NMOQBASE3B
.125
NMOUHFBASEB
.100
SPECIFICATIONS
TYPE
Base only
POWER RATING
200 Watts
COLOR
Black
WHIP
Various
COAX
Order separately
MAX HEIGHT
2”
Black UHF base for NMO mounts
Economy factory tuned NMO 1/4 wave
chrome nut antenna.
MODEL
FREQUENCY (MHz)
NMOQW406
406 - 430
NMOQW450
450 - 470
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
1/4 wave
VSWR (see bandwidth)
1.5:1
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
200 Watts
COLOR
Stainless
WHIP
.070
COAX
Order separately
MAX HEIGHT
7”


Similar Part No. - OM450BCO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
OM450BCO PULSE-OM450BCO Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
OM450BCO PULSE-OM450BCO Datasheet
395Kb / 3P
   UHF 406-512 MHz
More results

Similar Description - OM450BCO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
KG406O PULSE-KG406O Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Harris Corporation
SB-V16 HARRIS-SB-V16 Datasheet
338Kb / 2P
   VERTICAL HF WHIP ANTENNAS
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
   Increased gain versus standard whip antennas
3-22-11
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
PCTEL, Inc.
MWV PCTEL-MWV Datasheet
147Kb / 1P
   VHF and UHF Wideband Antennas - No Tune
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com