Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIUU62-203 Datasheet(PDF) 1 Page - Total Power International

Part # TPIUU62-203
Description  Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU62-203 Datasheet(HTML) 1 Page - Total Power International

  TPIUU62-203 Datasheet HTML 1Page - Total Power International TPIUU62-203 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
ElectricalCharacteristics:
Vin
UniversalInputVoltage
OperatingVoltage
90~264VAC
106~250VDC
81~280VAC
90~420VDC
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
fin
InputFrequency
47~63Hz
Po
Vo
Io
Iil
Iih
Ir
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VACor160VDC
Io=Fullload,Vin=240VACor325VDC
Io=Fullload,25°C,Coolstart,
Vin=115VACor160VDC
Io=Fullload,25°C,Coolstart,
Vin=230VACor325VDC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.6A
0.8A
35A (max.)
70A (max.)
70~88%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Io=Fullload,Vin=230VACor325VDC
Io=FullLoad
Vin=230VACor325VDC
Io=FullLoadtoHalfLoad,
Vin=100VACor140VDC
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
112~132%
110~150%
0.5~1%
5~6%
5mS(max.)
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=110VACor160VDC
Io=FullLoad,Vin=100VACor140VDC
FullLoad,Vin=85VACor100VDC
Vin=240VAC/60Hz
Alloutput
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.05%/°C
2S (max.)
16mS (min.)
0.45mA (max.)
1%(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
4242VDC (min.)
2414VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytosecondary
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
Note: TheRipple&Noisewhichisunder3.3VDCat2%max
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
-Monitor
-IndustrialPC
-Set-topbox
- AVequipment
-CCDrecorder
Features:
WideOperatingVoltage81to280VAC,47to400Hzor90to420VDC
InternalEMIfilter
SingletoQuadOutput
PowerFailDetect(Optional)
Operatingtemperature-20~70°C
ClassI
3yearwarranty
TPIUU62 SEIRES
63WUBracketType
IndustrialPowerSupplies
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIUU62-203

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU60-101 TOTAL-POWER-TPIUU60-101 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-102 TOTAL-POWER-TPIUU60-102 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-103 TOTAL-POWER-TPIUU60-103 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-104 TOTAL-POWER-TPIUU60-104 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-105 TOTAL-POWER-TPIUU60-105 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
More results

Similar Description - TPIUU62-203

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-60 TOTAL-POWER-TPIUU-60 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU-61 TOTAL-POWER-TPIBU-61 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-61 TOTAL-POWER-TPIUU-61 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-63 TOTAL-POWER-TPIUU-63 Datasheet
277Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com