Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS120-16 Datasheet(PDF) 2 Page - Total Power International

Part # TPS120-16
Description  Telecommunications/Business machines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS120-16 Datasheet(HTML) 2 Page - Total Power International

  TPS120-16 Datasheet HTML 1Page - Total Power International TPS120-16 Datasheet HTML 2Page - Total Power International TPS120-16 Datasheet HTML 3Page - Total Power International TPS120-16 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPS120
SWITCHING MODE 120W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS120-10
+5V
±
10% Typical
24A
30A
0A
±
3%
±
1%
150W Typical
TPS120-11
+12V
±
10% Typical
10A
12.5A
0A
±
3%
±
1%
150W Typical
TPS120-12
+15V
±
10% Typical
8A
10A
0A
±
3%
±
1%
150W Typical
TPS120-13
+24V
±
10% Typical
5A
6.3A
0A
±
3%
±
1%
150W Typical
TPS120-14
+48V
±
10% Typical
2.5A
3.1A
0A
±
3%
±
1%
150W Typical
TPS120-15
+13.5V
±
10% Typical
8.9A
11.1A
0A
±
3%
±
1%
150W Typical
TPS120-16
+56V
±
10% Typical
2.2A
2.8A
0A
±
3%
±
1%
150W Typical
TPS120-17
+18V
±
10% Typical
6.7A
8.4A
0A
±
3%
±
1%
150W Typical
TPS120-18
+3.3V
±
10% Typical
30A
37.5A
0A
±
5%
±
1.5%
150W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
TPS120-20
+12V
Fixed
5A
6.2A
0.5A
±
5%
±
1%
150W Typical
+5 V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
TPS120-21
+24V
Fixed
2.5A
3.1A
0.25A
±
5%
±
1%
150W Typical
+5 V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
TPS120-22
- 5 V
Fixed
12A
15A
1.2A
±
5%
±
1%
150W Typical
+12V
±
10% Typical
5A
6.3A
0.5A
±
5%
±
1%
TPS120-23
- 12 V
Fixed
5A
6.3A
0.5A
±
5%
±
1%
150W Typical
+15 V
±
10% Typical
4A
5A
0.4A
±
5%
±
1%
TPS120-24
- 15 V
Fixed
4A
5A
0.4A
±
5%
±
1%
150W Typical
+3.3V
Fixed
20A
25A
2A
±
5%
±
1.5%
TPS120-25
+12 V
±
10% Typical
1A
1.3A
0.1A
±
5%
±
1%
150W Typical
+ 5 V
±
10% Typical
4A
5A
0.4A
±
5%
±
1%
TPS120-26
+48V
Fixed
2A
2.5A
0.2A
±
5%
±
1%
150W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+12V
Fixed
4.5A
5.6A
0.45A
±
5%
±
1%
TPS120-30
- 5 V
Fixed
0.6A
0.8A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+12V
Fixed
4.5A
5.6A
0.45A
±
5%
±
1%
TPS120-31
-12V
Fixed
0.6A
0.8A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+15V
Fixed
3.5A
4.4A
0.35A
±
5%
±
1%
TPS120-32
-15V
Fixed
0.6A
0.8A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
15A
18.8A
1.5A
±
5%
±
1%
TPS120-33
+15V
Fixed
3A
3.8A
0.3A
±
5%
±
1%
-5 V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
14A
17.5A
1.4A
±
5%
±
1%
+15V
Fixed
3A
3.8A
0.3A
±
5%
±
1%
TPS120-34
-12V
Fixed
0.6A
0.8A
0.06A
±
10%
±
1%
150W Typical
+ 5 V
±
10% Typical
11A
13.8A
1.1A
±
5%
±
1%
+24V
Fixed
2.5A
3.1A
0.25A
±
5%
±
1%
TPS120-35
-12V
Fixed
0.6A
0.8A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
11A
13.8A
1.1A
±
5%
±
1%
+12V
Fixed
5A
6.3A
0.5A
±
5%
±
1%
TPS120-36
- 12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
11A
13.8A
1.1A
±
5%
±
1%
+12V
Fixed
3.5A
4.4A
0.35A
±
5%
±
1%
TPS120-37
+24V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
3A
3.8A
0.3A
±
5%
±
1%
TPS120-38
+48V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
– 2 –
TOTAL POWER


Similar Part No. - TPS120-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1200-Q1 TI1-TPS1200-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPS1200-Q1 45-V, Automotive Low IQ Smart High Side Driver with Short-Circuit Protection and Diagnostics
DECEMBER 2023
logo
Toppower Electronic Tec...
TPS1205 TOPPOWER-TPS1205 Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205A TOPPOWER-TPS1205A Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

Similar Description - TPS120-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682739 ETC2-1682739 Datasheet
86Kb / 3P
   6-position modular retractile, used to rapidly interconnect electronic computers and business machines
logo
Fujitsu Component Limit...
S190 FUJITSU-S190 Datasheet
108Kb / 4P
   BUSINESS SERVERS
logo
List of Unclassifed Man...
MIL-DTL-26482 ETC2-MIL-DTL-26482 Datasheet
186Kb / 1P
   Connectors Business Unit
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
   Washing machines
logo
TE Connectivity Ltd
85F TEC-85F Datasheet
159Kb / 5P
   Dialysis Machines
logo
Motorola, Inc
XTR446 MOTOROLA-XTR446 Datasheet
889Kb / 2P
   Short-range business radio
logo
Cherry Semiconductor Co...
G83-6104 CHERRY-G83-6104 Datasheet
187Kb / 2P
   G83-6104 Business Keyboard
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
Guangdong Youtai Semico...
ESDA5V3L UMW-ESDA5V3L Datasheet
559Kb / 4P
   Automatic Teller Machines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com